Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30222FG-XXXFP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M30222FG-XXXFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30222FG-XXXFP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M30222FG-XXXFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M30222FG-XXXFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30222FG-XXXFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30222FG-XXXFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30222FG-XXXFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30222FG-XXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30222FG-XXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30222FG-XXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30222FG-XXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 237 page
background image
1-6
Under
dev
elopment
Specifications in this manual are tentative and subject to change
Rev. G
Description
MITSUBISHI MICROCOMPUTERS
M30222 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Performance Outline
Table 1.1. Performance outline of the M30222 group
Parameters
Functions
Number of basic instructions
91
Shortest instruction execution time
62.5ns f(Xin) = 16MHz
Memory size
ROM
260K bytes
RAM
20K bytes
Input/Output
P3-P4, P6-P10
except P83
I/O
8 bits x 6, 7 bits x 1
P83
I
1 bit x 1
Multifunctional
timer
TA0, TA1, TA2, TA3, TA4
16 bits x 5
TB0, TB1, TB2, TB3, TB4, TB5
16 bits x 6, three-phase motor control
Serial I/O
UART0, UART1, UART2
(UART or clock synchronous) x 3, or I2C x 1
SIO3, SIO4
(Clock synchronous) x 2
A-D converter
10 bits x (8 + 2) channels
D-A converter
8 bits x 2
CRC calculation circuit
CRC-CCITT
Watchdog timer
15 bits x 1 (with prescaler)
Interrupts
25 external, 8 internal sources, 4 software, 7 levels
Clock generating circuit
2 built-in clock generation circuits
Supply voltage
2.7 to 5.5V f(Xin) = 16 MHz, without software wait
Power consumption
TBD
I/O characteristics
I/O withstand voltage
5.5V
Output current
P3, P4
0.1 mA (high output), 2.5 mA (low output)
P6-P10
5 mA at 5V (excluding pins P70, P71, P83)
Device configuration
CMOS high performance silicon gate
Package
100-pin plastic mold QFP
LCD
COM0 to COM3
4 lines
SEG0 to SEG39
40 lines (16 lines shared with I/O ports)


Similar Part No. - M30222FG-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30220 MITSUBISHI-M30220 Datasheet
2Mb / 212P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30220 RENESAS-M30220 Datasheet
3Mb / 221P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
E-SWITCH
M302200 E-SWITCH-M302200 Datasheet
34Kb / 1P
   All Dimension In MM
M302201 E-SWITCH-M302201 Datasheet
28Kb / 1P
   All Dimension In MM
M302202 E-SWITCH-M302202 Datasheet
35Kb / 1P
   All Dimension In MM
More results

Similar Description - M30222FG-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com