Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR4KB100 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # UR4KB100
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR4KB100 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UR4KB100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR4KB100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UR4KB100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UR4KB100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
UR4KB60
UR4KB60
(TA=25℃ unless otherwise noted)
Document Number: DS_D1312019
Version: J13
UR4KB60 thru UR4KB100
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
UR4KB60 C2
C2
UR4KBx0
(Note 1)
C2
Suffix "G"
D3K
1,500 / BOX
Note 1: "x" defines voltage from 600V (UR4KB60) to 1000V (UR4KB100)
UR4KB60 C2G
C2
G
Green compound
RATINGS AND CHARACTERISTICS CURVES
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
0
1
2
3
4
5
0
25
50
75
100
125
150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
Without heat sink
With heat sink
0
20
40
60
80
100
120
140
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
(JEDEC Method)
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
TJ=125℃


Similar Part No. - UR4KB100

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR4KB100 TSC-UR4KB100 Datasheet
1Mb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
UR4KB100 TSC-UR4KB100 Datasheet
144Kb / 2P
   Single Phase 4.0Amps. Glass Passivated Bridge Rectifiers
UR4KB100 TSC-UR4KB100 Datasheet
199Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
UR4KB100 ZSELEC-UR4KB100 Datasheet
118Kb / 2P
   4.0A BRIDGE RECTIFIER
UR4KB100 ZSELEC-UR4KB100 Datasheet
104Kb / 2P
   4.0A BRIDGE RECTIFIER
More results

Similar Description - UR4KB100

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com