Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1404I Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1404I
Description  Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1404I Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1404I Datasheet HTML 3Page - Linear Technology LTC1404I Datasheet HTML 4Page - Linear Technology LTC1404I Datasheet HTML 5Page - Linear Technology LTC1404I Datasheet HTML 6Page - Linear Technology LTC1404I Datasheet HTML 7Page - Linear Technology LTC1404I Datasheet HTML 8Page - Linear Technology LTC1404I Datasheet HTML 9Page - Linear Technology LTC1404I Datasheet HTML 10Page - Linear Technology LTC1404I Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1404
INPUT FREQUENCY (kHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100
1000
1404 G16
fSAMPLE = 600kHz
TYPICAL PERFORMANCE CHARACTERISTICS
Unipolar Mode Peak Harmonic or
Spurious Noise vs Input Frequency
Bipolar Mode Power Supply
Feedthrough vs Ripple Frequency
TEMPERATURE (
°C)
–50
2.440
2.438
2.436
2.434
2.432
2.430
2.428
2.426
2.424
2.422
2.420
–25
0
25
1404 G20
50
75
100
125
LOAD CURRENT (mA)
–8
–6
–4
–3
1
1404 G21
–7
–5
–2
–1
0
2.45
2.44
2.43
2.42
2.41
2.40
2.39
Reference Voltage vs Temperature
Reference Voltage vs
Load Current
SOURCE RESISTANCE (
Ω)
10
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
100
1k
10k
1404 G22
TA = 25°C
Acquisition Time vs
Source Impedance
Unipolar Mode Power Supply
Feedthrough vs Ripple Frequency
INPUT FREQUENCY (kHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100
1000
1404 G17
fSAMPLE = 600kHz
Bipolar Mode Peak Harmonic or
Spurious Noise vs Input Frequency
INPUT FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
100
1404 G14
10
1000
fSAMPLE = 600kHz
VIN = 0dB
VIN = –20dB
VIN = –60dB
Unipolar Mode S/(N + D) vs Input
Frequency and Amplitude
INPUT FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
100
1404 G15
10
1000
fSAMPLE = 600kHz
VIN = 0dB
VIN = –20dB
VIN = –60dB
Bipolar Mode S/(N + D) vs Input
Frequency and Amplitude
RIPPLE FREQUENCY (kHz)
1
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1000
1404 G19
AIN = 0dB
AIN FREQUENCY = 100kHz
fSAMPLE = 600kHz
VSS (VRIPPLE = 10mV)
VCC (VRIPPLE = 1mV)
RIPPLE FREQUENCY (kHz)
1
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100
1000
1404 G18
AIN = 0dB
AIN FREQUENCY = 100kHz
fSAMPLE = 600kHz
VCC (VRIPPLE = 1mV)


Similar Part No. - LTC1404I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
More results

Similar Description - LTC1404I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1408-12 LINER-LTC1408-12 Datasheet
275Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com