Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1293BMJ Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1293BMJ
Description  Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1293BMJ Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1293BMJ Datasheet HTML 7Page - Linear Technology LTC1293BMJ Datasheet HTML 8Page - Linear Technology LTC1293BMJ Datasheet HTML 9Page - Linear Technology LTC1293BMJ Datasheet HTML 10Page - Linear Technology LTC1293BMJ Datasheet HTML 11Page - Linear Technology LTC1293BMJ Datasheet HTML 12Page - Linear Technology LTC1293BMJ Datasheet HTML 13Page - Linear Technology LTC1293BMJ Datasheet HTML 14Page - Linear Technology LTC1293BMJ Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
LTC1293/LTC1294/LTC1296
S
APPLICATI
I FOR ATIO
MUX ADDRESS
SGL/
DIFF
DIFFERENTIAL CHANNEL SELECTION
00
0
0
+
00
0
1
+
00
1
0
+
00
1
1
+
01
0
0
+
01
0
1
+
01
1
0
+
01
1
1
+
0
1
2
3
4
5
6
7
Table 1a. LTC1294/6 Multiplexer Channel Selection
MUX ADDRESS
SINGLE-ENDED CHANNEL SELECTION
0
1
2
3
4
5
6
7
COM
00
0
0
+
00
0
1
+
00
1
0
+
00
1
1
01
0
0
+
01
0
1
+
01
1
0
+
01
1
1
Table 1b. LTC1293 Channel Selection
0
1
2
3
4
5
MUX ADDRESS
Not Used
Not Used
Not Used
Not Used
Unipolar/Bipolar (UNI)
The UNI bit determines whether the conversion will be
unipolar or bipolar. When UNI is a logical one, a unipolar
conversion will be performed on the selected input volt-
age. When UNI is a logical zero, a bipolar conversion will
result. The input span and code assignment for each
conversion type are shown in the figures below:
Unipolar Output Code (UNI = 1)
ODD
SIGN
SELECT
1
0
SGL/
DIFF
SELECT
1
0
ODD
SIGN
10
0
0
+
10
0
1
+
10
1
0
+
10
1
1
+
11
0
0
+
11
0
1
+
11
1
0
+
11
1
1
+
DIFFERENTIAL CHANNEL SELECTION
SINGLE-ENDED CHANNEL SELECTION
MUX ADDRESS
SGL/
DIFF
ODD
SIGN
SELECT
1
0
SGL/
DIFF
ODD
SIGN
SELECT
1
0
0
1
2
3
4
5
COM
10
0
0
+
10
0
1
+
10
1
0
+
10
1
1
11
0
0
+
11
0
1
+
11
1
0
+
11
1
1
VIN
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
LTC1293 AI03b
OUTPUT CODE
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
INPUT VOLTAGE
VREF – 1LSB
VREF – 2LSB
1LSB
0V
INPUT VOLTAGE
(VREF = 5V)
4.9988V
4.9976V
0.0012V
0V
LTC1293 AI03a
Unipolar Transfer Curve (UNI = 1)


Similar Part No. - LTC1293BMJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1293BCN LINER-LTC1293BCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293BCN LINER-LTC1293BCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293BCN LINER-LTC1293BCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293BCSW LINER-LTC1293BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293BCSW LINER-LTC1293BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1293BMJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com