Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD75P108BCW Datasheet(PDF) 7 Page - NEC

Part # UPD75P108BCW
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P108BCW Datasheet(HTML) 7 Page - NEC

Back Button UPD75P108BCW Datasheet HTML 3Page - NEC UPD75P108BCW Datasheet HTML 4Page - NEC UPD75P108BCW Datasheet HTML 5Page - NEC UPD75P108BCW Datasheet HTML 6Page - NEC UPD75P108BCW Datasheet HTML 7Page - NEC UPD75P108BCW Datasheet HTML 8Page - NEC UPD75P108BCW Datasheet HTML 9Page - NEC UPD75P108BCW Datasheet HTML 10Page - NEC UPD75P108BCW Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
7
µPD75P108B
Function
4-bit input port (PORT 0).
4-bit input port (PORT 1).
4-bit input/output port (PORT 2).
Programmable 4-bit input/output port (PORT 3).
Input/output can be specified bit-wise.
4-bit input/output port (PORT 4).
Data input/output pin for program memory
(PROM) write/verify (low-order 4 bits).
4-bit input/output port (PORT 5).
Data input/output pin for program memory
(PROM) write/verify (high-order 4 bits).
Programmable 4-bit input/output port (PORT 6).
Input/output can be specified bit-wise.
4-bit input/output port (PORT 7).
4-bit input/output port (PORT 8).
4-bit input/output port (PORT 9).
N-ch open-drain 4-bit input/output port (PORT
12).
+12 V withstand voltage.
N-ch open-drain 4-bit input/output port (PORT
13).
+12 V withstand voltage.
N-ch open-drain 4-bit input/output port (PORT
14).
+12 V withstand voltage.
1.
PIN FUNCTIONS
1.1
PORT PINS
Dual-
Function Pin
INT4
SCK
SO
SI
INT0
INT1
INT2
INT3
PTO0
PTO1
PCL
MD0 to MD3
I/O Circuit
Type *1
B
F
E
B
B
E
E
E
E
E
E
E
E
M-A
M-A
M-A
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
*2
*1.
indicates Schmitt-triggered input.
2.
LED direct drive capability
Input/Output
Input
Input/output
Input/output
Input
Input
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Pin Name
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30 to P33
P40 to P43
P50 to P53
P60 to P63
P70 to P73
P80 to P83
P90 to P93
P120-P123
P130-P133
P140-P143
8-bit I/O
×
×
After Reset
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input


Similar Part No. - UPD75P108BCW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75P108BCW RENESAS-UPD75P108BCW Datasheet
480Kb / 48P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD75P108BCW

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com