Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA56A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA56A
Description  400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA56A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  P4SMA56A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA56A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA56A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA56A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4SMA56A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4SMA56A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
- Low profile package
- Ideal for automated placement
- Glass passivated junction
- Built-in strain relief
- Excellent clamping capability
- Typical IR less than 1μA above 10V
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part No. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
PPK
Watts
TJ
°C
TSTG
°C
Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2
1. For Bidirectional Use C or CA Suffix for Types P4SMA6.8 - Types P4SMA200A
2. Electrical Characteristics Apply in Both Directions
PART NO.
Note 1: "xxxx" defines voltage from 6.8V (P4SMA6.8) to 200V (P4SMA200A)
PART NO.
Document Number: DS_D1409030
Version: N15
P4SMA SERIES
Taiwan Semiconductor
400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
FEATURES
Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
- Fast response time: Typically less than
1.0ps from 0 volt to BV min
DO-214AC (SMA)
MECHANICAL DATA
Case:
DO-214AC (SMA)
Polarity:
Indicated by cathode band
Weight:
0.06 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
VALUE
Peak power dissipation at TA=25°C, Tp=1ms (Note 1)
400
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
40
A
Operating junction temperature range
- 55 to +150
Maximum instantaneous forward voltage at 25 A for
Unidirectional only
VF
Volts
3.5
Storage temperature range
- 55 to +150
Devices for Bipolar Applications
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
H
R3
G
SMA
1,800 / 7" Plastic reel
R2
SMA
7,500 / 13" Paper reel
M2
SMA
7,500 / 13" Plastic reel
F3
Folded SMA
1,800 / 7" Plastic reel
F2
Folded SMA
7,500 / 13" Paper reel
F4
Folded SMA
7,500 / 13" Plastic reel
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
P4SMAxxxx
(Note 1)
AEC-Q101 qualified
Green compound
P4SMA200AHR3G
P4SMA200A
H
R3
G


Similar Part No. - P4SMA56A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
P4SMA56A SEMITECH-P4SMA56A Datasheet
493Kb / 5P
   Low profile package
logo
GOOD-ARK Electronics
P4SMA56A GOOD-ARK-P4SMA56A Datasheet
692Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
P4SMA56A UNSEMI-P4SMA56A Datasheet
3Mb / 7P
   6.8 To 600V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Silicon Standard Corp.
P4SMA56A SSC-P4SMA56A Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
P4SMA56A SOCAY-P4SMA56A Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - P4SMA56A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
   1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com