Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4001 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 1N4001
Description  1.0A RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4001 Datasheet(HTML) 3 Page - Diodes Incorporated

  1N4001_15 Datasheet HTML 1Page - Diodes Incorporated 1N4001_15 Datasheet HTML 2Page - Diodes Incorporated 1N4001_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS28002 Rev. 8 - 2
3 of 3
www.diodes.com
1N4001-1N4007
© Diodes Incorporated
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.


Similar Part No. - 1N4001_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001_15 Datasheet
46Kb / 2P
   1.0 A, Silicon Rectifiers
logo
Guangdong Kexin Industr...
1N4001 KEXIN-1N4001_15 Datasheet
553Kb / 2P
   Rectifier Diodes
logo
Compact Technology Corp...
1N4001 CTC-1N4001_15 Datasheet
65Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Rugao Dachang Electroni...
1N4001 DACHANG-1N4001_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
GOOD-ARK Electronics
1N4001 GOOD-ARK-1N4001_15 Datasheet
192Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
More results

Similar Description - 1N4001_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
   1.0A RECTIFIER
DS28002 Rev. E-2
1N4001 DIODES-1N4001_1 Datasheet
74Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 7 - 2
1N4001 DIODES-1N4001_2 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Vishay Siliconix
1N400X VISHAY-1N400X Datasheet
28Kb / 2P
   1.0A RECTIFIER
Rev. E-2
logo
Sanyo Semicon Device
DSM10 SANYO-DSM10 Datasheet
47Kb / 2P
   1.0A Power Rectifier
SB10-04A3 SANYO-SB10-04A3 Datasheet
65Kb / 3P
   40V, 1.0A Rectifier
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
   1.0A BRIDGE RECTIFIER
1N4001 ZSELEC-1N4001 Datasheet
116Kb / 2P
   1.0A SILICON RECTIFIER
ER101 ZSELEC-ER101 Datasheet
136Kb / 2P
   1.0A SUPERFAST RECTIFIER
logo
Sanyo Semicon Device
DSK10 SANYO-DSK10 Datasheet
31Kb / 2P
   1.0A Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com