Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1392 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1392
Description  Micropower Temperature, Power Supply and Differential Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1392 Datasheet(HTML) 5 Page - Linear Technology

  LTC1392 Datasheet HTML 1Page - Linear Technology LTC1392 Datasheet HTML 2Page - Linear Technology LTC1392 Datasheet HTML 3Page - Linear Technology LTC1392 Datasheet HTML 4Page - Linear Technology LTC1392 Datasheet HTML 5Page - Linear Technology LTC1392 Datasheet HTML 6Page - Linear Technology LTC1392 Datasheet HTML 7Page - Linear Technology LTC1392 Datasheet HTML 8Page - Linear Technology LTC1392 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1392
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT
SHIFT
REGISTER
BANDGAP
CONTROL
AND TIMING
CS
4
LTC1392 • BD
SERIAL
PORT
VREF = 2.42V
VREF = 1V
VREF = 0.5V
ANALOG
INPUT
MUX
10-BIT
SAR
10
BITS
CSAMPLE
VCC
85
GND
TEMPERATURE
SENSOR
VCC
GND
DIN
1
VREF
+VIN
–VIN
6
7
COMP
10-BIT
CAPACITIVE DAC
+
+
+
DOUT
2
CLK
3
BLOCK DIAGRAM
PIN FUNCTIONS
DIN (Pin 1): Digital Input. The A/D configuration word is
shifted into this input.
DOUT (Pin 2): Digital Output. The A/D result is shifted out
of this output.
CLK (Pin 3): Shift Clock. This clock synchronizes the serial
data.
CS (Pin 4): Chip Select Input. A logic low on this input
enables the LTC1392.
GND (Pin 5): Ground Pin. GND should be tied directly to
an analog ground plane.
+VIN (Pin 6): Positive Analog Differential Input. The pin
can be used as a single-ended input by grounding – VIN.
–VIN (Pin 7): Negative Analog Differential Input. The input
must be free from noise.
VCC (Pin8): Positive Supply. This supply must be kept free
from noise and ripple by bypassing directly to the ground
plane.
Supply Current vs Sample Rate
TIME (SEC)
0
5
10
15
20
1392 G07
25
70
65
60
55
50
45
40
35
30
25
20
30
VCC = 5V
N8
S8
Thermal Response in Stirred
Oil Bath
SAMPLE FREQUENCY (Hz)
1000
100
10
1
0.1
0.1
10
100
1k
10k
100k
1392 G09
1
VCC = 5V
fCLK = 250kHz
TA = 25°C
CS LOW BETWEEN SAMPLES
CS HIGH BETWEEN
SAMPLES
TIME (SEC)
0
50
100
150
200
1392 G08
250
70
65
60
55
50
45
40
35
30
25
20
300
VCC = 5V
N8
S8
Thermal Response in Still Air


Similar Part No. - LTC1392

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1392 LINER-LTC1392 Datasheet
258Kb / 12P
   Micropower Temperature, Power Supply and Differential Voltage Monitor
logo
Analog Devices
LTC1392 AD-LTC1392 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC1392 LINER-LTC1392_15 Datasheet
258Kb / 12P
   Micropower Temperature, Power Supply and Differential Voltage Monitor
More results

Similar Description - LTC1392

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1392 LINER-LTC1392_15 Datasheet
258Kb / 12P
   Micropower Temperature, Power Supply and Differential Voltage Monitor
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
   Temperature and voltage monitor
August 2008
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com