Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4151
Description  High Voltage I2C Current and Voltage Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4151_15 Datasheet HTML 4Page - Linear Technology LTC4151_15 Datasheet HTML 5Page - Linear Technology LTC4151_15 Datasheet HTML 6Page - Linear Technology LTC4151_15 Datasheet HTML 7Page - Linear Technology LTC4151_15 Datasheet HTML 8Page - Linear Technology LTC4151_15 Datasheet HTML 9Page - Linear Technology LTC4151_15 Datasheet HTML 10Page - Linear Technology LTC4151_15 Datasheet HTML 11Page - Linear Technology LTC4151_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC4151
8
4151ff
For more information www.linear.com/LTC4151
applicaTions inForMaTion
The LTC4151 offers a compact complete solution for high
side power monitoring. With a wide operating voltage
range from 7V to 80V, this device is ideal for a variety of
applications including consumer, automotive, industrial
andtelecominfrastructure.Thesimpleapplicationcircuitas
showninFigure1providesmonitoringofhighsidecurrent
with a 0.02
W resistor (4.096A in full scale), input voltage
(102.4V in full scale) and an external voltage (2.048V in
full scale), all with an internal 12-bit resolution ADC.
Data Converter
The LTC4151 features an onboard, 12-bit
∆Σ A/D
converter (ADC) that continuously monitors three volt-
ages in the sequence of (VSENSE+ – VSENSE–) first, VIN
second and VADIN third. The ∆Σ architecture inherently
averages signal noise during the measurement period.
The differential voltage between SENSE+ and SENSEis
monitored with an 81.92mV full scale and 20µV resolu-
tion that allows accurate measurement of the high side
input current. SENSE+ is a Kelvin sense pin for the VIN
pin and must be connected to VIN (see Figure 10) for
proper ADC readout. The supply voltage at VIN is directly
measured with a 102.4V full scale and 25mV resolution.
The voltage at the uncommitted ADIN pin is measured
with a 2.048V full scale and 0.5mV resolution that allows
monitoring of any external voltage. The 12-bit digital
Figure 1. Monitoring High Side Current and Voltages Using the LTC4151
code of each measured voltage is stored in two adjacent
registers out of the six total data registers A through F,
with the eight MSBs in the first register and the four LSBs
in the second (Table 2).
ThedatainregistersAthroughFisrefreshedatafrequency
of 7.5Hz in continuous scan mode. Setting control register
bit G4 (Table 6) invokes a test mode that halts updating
of these registers so that they can be written to and read
from for software testing.
The data converter features a snapshot mode allowing us-
ers to make one-time measurements of a selected voltage
(either the SENSE voltage, VIN voltage, or ADIN voltage).
To enable snapshot mode, set control register bit G7 and
write the 2-bit code of the desired ADC channel to G6
and G5 (Table 6) using a Write Byte command. When the
Write Byte command is completed, the ADC measures the
selected voltage and a Busy Bit in the LSB data register is
set to indicate that the data is not ready. After complet-
ing the conversion, the ADC is halted and the Busy Bit is
reset to indicate that the data is ready. To make another
measurement of the same voltage or to measure another
voltage, first disable the snapshot mode for the previous
measurementbyclearingcontrolbitG7,thenre-enablethe
snapshot mode and write the code of the desired voltage
according to the procedure described above. The Busy Bit
remains reset in the continuous scan mode.
4151 F01
0.02
µ-CONTROLLER
GND
LTC4151
SHDN
VIN
7V TO 80V
VIN
VDD
VADIN
SCL
SDA
ADIN
ADR1
SCL
SDA
ADR0
GND
SENSE+ SENSE
3.3V
VOUT
2k
2k


Similar Part No. - LTC4151_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151-1 LINER-LTC4151-1 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
More results

Similar Description - LTC4151_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com