Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4151
Description  High Voltage I2C Current and Voltage Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4151_15 Datasheet HTML 3Page - Linear Technology LTC4151_15 Datasheet HTML 4Page - Linear Technology LTC4151_15 Datasheet HTML 5Page - Linear Technology LTC4151_15 Datasheet HTML 6Page - Linear Technology LTC4151_15 Datasheet HTML 7Page - Linear Technology LTC4151_15 Datasheet HTML 8Page - Linear Technology LTC4151_15 Datasheet HTML 9Page - Linear Technology LTC4151_15 Datasheet HTML 10Page - Linear Technology LTC4151_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LTC4151
7
4151ff
For more information www.linear.com/LTC4151
block DiagraM
operaTion
The LTC4151 accurately monitors high side current and
voltages. This device accepts a wide range of input volt-
ages from as low as 7V up to 80V and consumes less
than 1.7mA quiescent current in normal operation. A
shutdown mode is available with the LTC4151 to reduce
the quiescent current to less than 300µA by pulling the
SHDN pin below 1V.
In default continuous scan mode after power-up, the
onboard 12-bit analog-to-digital converter (ADC) continu-
ously and sequentially measures the high side differential
voltagebetweenSENSE+(KelvinsenseofVIN)andSENSE
(full-scale 81.92mV) through an internal sense amplifier,
theinputvoltageVIN(full-scale102.4V)throughaninternal
voltage divider, and the voltage applied to the ADIN pin
(full-scale 2.048V). The reference voltage of the ADC is
internally set to 2.048V. The digital data obtained by the
ADC is stored in the onboard registers.
In snapshot mode, the LTC4151 can perform on-demand
measurement of a selected voltage without the need of
continuous polling by a master controller. The snapshot
mode is enabled by programming the control register
through the I2C interface. A status bit in the data register
monitors the ADC’s conversion. When the conversion is
completed, the 12-bit digital code of the measured voltage
is held in the corresponding data registers.
The LTC4151 provides an I2C interface to read the ADC
data from the data registers and to program the control
register. Two three-state pins, ADR0 and ADR1, are
used to decode nine device addresses (see Table 1). The
LTC4151 features a single SDA pin to handle both input
data and output data, while the LTC4151-1/LTC4151-2
provide separate data in (SDAI) and data out (SDAO on
the LTC4151-1 and SDAO on the LTC4151-2) pins to
facilitate opto-isolation.
SHUTDOWN
CONTROL
4151 BD
6.3V
I2C/
REGISTERS
DECODER
SHDN
(LTC4151)
VIN
5µA
2k
RS
VREF = 2.048V
SDA/SDAI
(LTC4151/
LTC4151-1)
ADR1
SCL
SDAO/SDAO
(LTC4151-1/
LTC4151-2)
ADR0
GND
ADIN
15k
735k
INTERNAL
POWER
SENSE+ SENSE
+
6V
12-BIT ADC
MUX
25X
6V
pin FuncTions
SHDN (LTC4151 Only): Shutdown Input. Internally pulled
up to 6.3V. Pull this pin below 1V to force the LTC4151
into shutdown mode. Leave this pin open if unused.
VIN: Supply Voltage Input. Accepts 7V to 80V. The voltage
at this pin is monitored by the onboard ADC with a full-
scale input range of 102.4V. SENSE+ must be connected
to VIN for proper ADC readout.


Similar Part No. - LTC4151_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151-1 LINER-LTC4151-1 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
More results

Similar Description - LTC4151_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com