Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1387C Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1387C
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387C Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1387C Datasheet HTML 4Page - Linear Technology LTC1387C Datasheet HTML 5Page - Linear Technology LTC1387C Datasheet HTML 6Page - Linear Technology LTC1387C Datasheet HTML 7Page - Linear Technology LTC1387C Datasheet HTML 8Page - Linear Technology LTC1387C Datasheet HTML 9Page - Linear Technology LTC1387C Datasheet HTML 10Page - Linear Technology LTC1387C Datasheet HTML 11Page - Linear Technology LTC1387C Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1387
S
APPLICATI
I FOR ATIO
EMI and signal reflection problems. Slow slew rate sys-
tems can often use improperly terminated or even
unterminated cables with acceptable results. The RS485
differential input receiver features an offset input thresh-
old of – 80mV at 0V common mode voltage. This allows
the receiver output to have a known High output state
when the inputs are open or shorted. The receiver also
features an input hysteresis of 40mV. The charge pump
can be kept active regardless of the state of DXEN and
RXEN pins by keeping the ON pin High. This improves the
receiver response time by removing the 100
µs charge
pump start-up time.
In RS232 mode, the drivers and receivers can be selected
from the Function Tables with control inputs ON, RXEN
and DXEN. The receivers feature a typical 0.6V input
hysteresis.
All the interface driver outputs are fault protected by a
current limiting and thermal shutdown circuit. The thermal
shutdown circuit disables both the RS232 and RS485
driver outputs when the die temperature reaches 150
°C.
The thermal shutdown circuit reenables the drivers when
the die temperature cools to 135
°C.
A loopback mode enables internal connections from driver
outputs to receiver inputs for self-test. The driver outputs
are not isolated from the external loads during loopback.
The charge pump generates boosted positive voltage VDD
and negative voltage VEE for true RS232 levels from a
single 5V VCC supply. The charge pump requires four
0.1
µF capacitors.
RA
RB
DY
DZ
A
B
Y
Z
RA
RB
DY
DZ/SLEW
ON
VCC
RXEN
DXEN
485/232
CONTROLLER
DX/RX
RXEN
DXEN
MODE
INTERFACE
A
B
RS232
RS485
RS485
RS232
RS232
RS485
RS485
SHUTDOWN
TRANSMIT MODE
RECEIVE MODE
TRANSMIT MODE
RECEIVE MODE
MODE
RXEN = 0
RXEN = 1
RXEN = 0
RXEN = 1
RXEN = 0
DXEN = 1
DXEN = 0
DXEN = 1
DXEN = 0
DXEN = 0
MODE = 0
MODE = 0
MODE = 1
MODE = 1
MODE = X
1387 • F13
LTC1387
Figure 13. Half-Duplex RS232 (1-Channel), Half-Duplex RS485


Similar Part No. - LTC1387C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387 Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LTC1387 LINER-LTC1387 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Analog Devices
LTC1387 AD-LTC1387 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results

Similar Description - LTC1387C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com