Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ5V1S Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ5V1S
Description  500mW, Hermetically Sealed Glass Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ5V1S Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  MTZJ5V1S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ5V1S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ5V1S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ5V1S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ5V1S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MTZJ5V1S Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd MTZJ5V1S Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Min
Max
A
33A
29.68
31.22
B
33B
30.32
31.88
C
33C
30.90
32.50
D
33D
31.49
33.11
A
36A
32.14
33.79
B
36B
32.79
34.49
C
36C
33.40
35.13
D
36D
34.01
35.77
A
39A
34.68
36.47
B
39B
35.36
37.19
C
39C
36.00
37.85
D
39D
36.63
38.52
E
39E
37.36
39.29
F
39F
38.14
40.11
G
39G
38.94
40.80
MTZJ43S
43S
40
45
90
250
0.5
0.2
33
MTZJ47S
47S
44
49
90
250
0.5
0.2
36
MTZJ51S
51S
48
54
110
250
0.5
0.2
39
MTZJ56S
56S
53
60
110
250
0.5
0.2
43
Notes: 1. The Zener Voltage subdivision (VZ) is measured 40ms after diode is powered up.
2. The operating resistance (ZZT or ZZK) is measured by superimposing a minute alternation current
in the regulated current (IZ).
3. When ordering, please specify tolerance A, B, C, D, E, F, G
Document Number: DS_S1407004
0.5
IZT
(mA)
MTZJ33S
5
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR (uA)
Max
Marking
code
MTZJ2V0SA ~ MTZJ56S
Taiwan Semiconductor
65
250
0.2
25
Small Signal Product
0.2
27
MTZJ36S
VZ @ IZT (Volt)
250
75
5
0.5
Type Number
0.2
30
Version: A14
MTZJ39S
5
85
250
0.5
5


Similar Part No. - MTZJ5V1S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ5V1 TSC-MTZJ5V1 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Yea Shin Technology Co....
MTZJ5V1 YEASHIN-MTZJ5V1 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
MTZJ5V1 TSC-MTZJ5V1 Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZJ5V1A SEMTECH_ELEC-MTZJ5V1A Datasheet
261Kb / 4P
   ZENER DIODES
MTZJ5V1B SEMTECH_ELEC-MTZJ5V1B Datasheet
261Kb / 4P
   ZENER DIODES
More results

Similar Description - MTZJ5V1S

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com