Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4080X Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4080X
Description  500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4080X Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4080X_15 Datasheet HTML 6Page - Linear Technology LTC4080X_15 Datasheet HTML 7Page - Linear Technology LTC4080X_15 Datasheet HTML 8Page - Linear Technology LTC4080X_15 Datasheet HTML 9Page - Linear Technology LTC4080X_15 Datasheet HTML 10Page - Linear Technology LTC4080X_15 Datasheet HTML 11Page - Linear Technology LTC4080X_15 Datasheet HTML 12Page - Linear Technology LTC4080X_15 Datasheet HTML 13Page - Linear Technology LTC4080X_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC4080X
10
4080Xf
BLOCK DIAGRA
Figure 1. LTC4080X Block Diagram
+
+
–+
–+
6
MP4
MP3
MP1
X1
X400
VCC
R1
R2
CHARGER
ENABLE
CHRG
PROG
11
GND
4080X BD
1V
PROG
C1
C4
C5
0.1V
VBAT + 82mV
3.6V
D3
D2
D1
1.22V
CA
MA
VA
5
ACPR
1
10
7
2
BAT
SW
0.8V
L1
VOUT
COUT
R8
CPL
FB
COUNTER
LOGIC
CHARGER
OSCILLATOR
CHARGE
CONTROL
2.9V
BAT
BADBAT
C3
C2
EN_CHRG
REN
0.82V
CHARGER
SHUTDOWN
3
C6
0.82V
ENABLE BUCK
EN_BUCK
MODE
9
C7
0.82V
8
VCC
PWM
CONTROL
AND DRIVE
2.25MHz
BUCK
OSCILLATOR
ERROR
AMP
LINEAR BATTERY CHARGER
SYNCHRONOUS BUCK CONVERTER
MN1
R7
MP2
RPROG
+
115
°C
TDIE
TA
PULSE
LOGIC
4


Similar Part No. - LTC4080X_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080XEDD-PBF LINER-LTC4080XEDD-PBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEDD-TRPBF LINER-LTC4080XEDD-TRPBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEMSE-PBF LINER-LTC4080XEMSE-PBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4080XEMSE-TRPBF LINER-LTC4080XEMSE-TRPBF Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
More results

Similar Description - LTC4080X_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4080 LINER-LTC4080_15 Datasheet
272Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080 LINER-LTC4080 Datasheet
256Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck
LTC4080X LINER-LTC4080X Datasheet
304Kb / 20P
   500mA Standalone Li-Ion Charger with Integrated 300mA Synchronous Buck in 3mm 횞 3mm DFN
LTC4081 LINER-LTC4081_15 Datasheet
470Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4081 LINER-LTC4081 Datasheet
285Kb / 24P
   500mA Li-Ion Charger with NTC Input and 300mA Synchronous Buck
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC3552 LINER-LTC3552 Datasheet
326Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com