Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ8V2 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ8V2
Description  500mW, Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ8V2 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  MTZJ8V2 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ8V2 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ8V2 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ8V2 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ8V2 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MTZJ8V2 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd MTZJ8V2 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd MTZJ8V2 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Document Number: DS_S1311002
Version: C15
MTZJ2V0A - MTZJ39D
Taiwan Semiconductor
Small Signal Product
1
10
100
1000
0
2
4
6
8
1012
141618
Reverrse Voltage : VR (V)
Fig. 8 VR -Ct Characteristics
f=1MHz
1
10
100
1000
0.1
1
10
Zener Current (mA)
Fig. 9
Fig. 9 ZZ -IZ Characteristics
20.9
21.0
21.1
21.2
21.3
21.4
VZ Disresion Map
0.001
0.01
0.1
1
10
19
21
23
25
Zener Voltage : VZ (V)
Fig. 6 VZ -IZ Characteristics
TA=175oC
TA=125oC
TA=75oC
TA=25oC
TA= -25oC
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
0 1234567 89 10 11 12 13 14 15 16 17
Reverse Voltage : VR (V)
Fig. 7 VR -IR Characteristics
TA=175oC
TA=125oC
TA=75oC
TA=25oC
TA= -25oC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IR Disresion Map
TA=25oC
VR=17V
n=30pcs
AVE : 0.118 nA
TA=25oC
IZ=5mA
n=30pcs
20
30
40
50
60
70
Ct Disresion Map
TA=25oC
f=1MHz
VR=0V
n=30pcs
AVE : 32.3 pF
AVE : 21.12 V


Similar Part No. - MTZJ8V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ8V2 TSC-MTZJ8V2 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Yea Shin Technology Co....
MTZJ8V2 YEASHIN-MTZJ8V2 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
MTZJ8V2A SEMTECH_ELEC-MTZJ8V2A Datasheet
261Kb / 4P
   ZENER DIODES
MTZJ8V2B SEMTECH_ELEC-MTZJ8V2B Datasheet
261Kb / 4P
   ZENER DIODES
MTZJ8V2C SEMTECH_ELEC-MTZJ8V2C Datasheet
261Kb / 4P
   ZENER DIODES
More results

Similar Description - MTZJ8V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com