Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4067 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 5 Page - Linear Technology

  LTC4067_15 Datasheet HTML 1Page - Linear Technology LTC4067_15 Datasheet HTML 2Page - Linear Technology LTC4067_15 Datasheet HTML 3Page - Linear Technology LTC4067_15 Datasheet HTML 4Page - Linear Technology LTC4067_15 Datasheet HTML 5Page - Linear Technology LTC4067_15 Datasheet HTML 6Page - Linear Technology LTC4067_15 Datasheet HTML 7Page - Linear Technology LTC4067_15 Datasheet HTML 8Page - Linear Technology LTC4067_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4067
5
4067f
TEMPERATURE (
°C)
–50
150
4067 G09
–10
30
90
130
70
110
–30
10
50
12
10
8
6
4
2
0
TEMPERATURE (
°C)
4067 G08
240
220
200
180
160
140
120
100
VIN = 4.45V
RCLPROG = 0k
HPWR
RON, 1A
RON, 500mA
RON, 200mA
RON, 100mA
–50
125
0
75
100
–25
25
50
TEMPERATURE (
°C)
–50
150
4067 G05
0
50
100 125
–25
25
75
510
505
500
495
490
485
480
1010
1000
990
980
VCLPROG
ILIM
Input Current Limit vs
Temperature (High Power)
4067 G04
90
80
70
60
50
40
30
20
10
0
TEMPERATURE (
°C)
–50
150
–10
30
90
130
70
110
–30
10
50
IN = OUT = FLOAT
VBAT = 3.7V
4067 G06
ILIM
VCLPROG
TEMPERATURE (
°C)
–50
125
0
75
100
–25
25
50
102
100
98
96
94
92
90
204
200
196
192
188
184
180
TEMPERATURE (
°C)
–50
150
4067 G01
–10
30
90
130
70
110
–30
10
50
16
14
12
10
8
6
4
2
0
4067 G02
90
80
70
60
50
40
30
20
10
0
TEMPERATURE (
°C)
–50
150
–10
30
90
130
70
110
–30
10
50
4067 G03
450
350
400
300
250
200
150
100
50
0
TEMPERATURE (
°C)
–50
150
–10
30
90
130
70
110
–30
10
50
CHARGER ENTERS
THERMAL REGULATION
Input Supply Current vs
Temperature (Shutdown Mode)
Input Supply Current vs
Temperature (Suspend Mode)
Input Supply Current vs
Temperature
Battery Current vs Temperature
Battery Current vs Temperature
(Shutdown)
Input Current Limit vs
Temperature (Low Power)
VCLPROG vs Temperature
at IIN = 500mA
RON vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
150
–10
30
90
130
70
110
–30
10
50
4067 G07
1000
800
600
400
200
0
VOUT = 4V
RCLPROG = 2k
IOUT = 200mA
HPWR
LPWR


Similar Part No. - LTC4067_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4067EDE LINER-LTC4067EDE Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
More results

Similar Description - LTC4067_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Eutech Microelectronics...
EUP8060X EUTECH-EUP8060X Datasheet
158Kb / 1P
   1A Li-Ion/Polymer Charger IC with Thermal Regulation and OVP
logo
Linear Technology
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC3557-1 LINER-LTC3557-1_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC3557 LINER-LTC3557 Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com