Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4067 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4067
Description  USB Power Manager with OVP and Li-Ion/Polymer Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4067 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4067_15 Datasheet HTML 6Page - Linear Technology LTC4067_15 Datasheet HTML 7Page - Linear Technology LTC4067_15 Datasheet HTML 8Page - Linear Technology LTC4067_15 Datasheet HTML 9Page - Linear Technology LTC4067_15 Datasheet HTML 10Page - Linear Technology LTC4067_15 Datasheet HTML 11Page - Linear Technology LTC4067_15 Datasheet HTML 12Page - Linear Technology LTC4067_15 Datasheet HTML 13Page - Linear Technology LTC4067_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC4067
10
4067f
GND
NTC
OVP
OVI
6V
1V
0.2V
0V
HPWR
CLDIS
LPWR
SUSP
SD
COLD FAULT
HOT FAULT
SD
OVP
ILIM1
ILIM0
PROGRAMMABLE
CURRENT LIMIT
IDEAL
VSERVO
IN
4067 BD
OUT
CLPROG
GATE
BAT
CHRG
PROG
RPROG
+
RCLPROG
0.1VIN
+
100mV
+
DECODE
LOGIC
MUX
NTC OFF
0.29VIN
+
HOT FAULT
0.74VIN
+
COLD FAULT
IBAT/1000
SDB
SD
FLOAT
CURRENT
LIMIT
OUT
IN
VCC
BAT
VMAX
CC/CV
CHARGER
COLD FAULT
HOT FAULT
CHARGE STATUS/
FAULT FLAG
25mV
IOUT/1000
BLOCK DIAGRA
Figure 1. Simplified Block Diagram


Similar Part No. - LTC4067_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4067EDE LINER-LTC4067EDE Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
More results

Similar Description - LTC4067_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
logo
Eutech Microelectronics...
EUP8060X EUTECH-EUP8060X Datasheet
158Kb / 1P
   1A Li-Ion/Polymer Charger IC with Thermal Regulation and OVP
logo
Linear Technology
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC3557-1 LINER-LTC3557-1_15 Datasheet
323Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC3557 LINER-LTC3557 Datasheet
312Kb / 28P
   USB Power Manager with Li-Ion Charger and Three Step-Down Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com