Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTZJ6V8 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MTZJ6V8
Description  500mW, Hermetically Sealed Glass Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MTZJ6V8 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MTZJ6V8 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MTZJ6V8 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MTZJ6V8 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd MTZJ6V8 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd MTZJ6V8 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd MTZJ6V8 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd MTZJ6V8 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd MTZJ6V8 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
(TA=25°C unless otherwise noted)
Nom
Min
Max
A
5.5%
2V0A
1.990
1.88
2.10
B
4.3%
2V0B
2.110
2.02
2.20
A
4.0%
2V2A
2.210
2.12
2.30
B
4.1%
2V2B
2.315
2.22
2.41
A
3.9%
2V4A
2.425
2.33
2.52
B
4.0%
2V4B
2.530
2.43
2.63
A
4.0%
2V7A
2.645
2.54
2.75
B
3.9%
2V7B
2.800
2.69
2.91
A
3.7%
3V0A
2.960
2.85
3.07
B
3.4%
3V0B
3.115
3.01
3.22
A
3.4%
3V3A
3.270
3.16
3.38
B
3.1%
3V3B
3.425
3.32
3.53
A
3.6%
3V6A
3.575
3.455
3.695
B
3.3%
3V6B
3.723
3.60
3.845
A
3.5%
3V9A
3.875
3.74
4.01
B
3.3%
3V9B
4.025
3.89
4.16
A
3.0%
4V3A
4.165
4.04
4.29
B
3.0%
4V3B
4.300
4.17
4.43
C
3.0%
4V3C
4.435
4.30
4.57
A
2.6%
4V7A
4.56
4.44
4.68
B
2.8%
4V7B
4.68
4.55
4.80
C
2.7%
4V7C
4.81
4.68
4.93
A
2.6%
5V1A
4.94
4.81
5.07
B
2.6%
5V1B
5.07
4.94
5.20
C
2.7%
5V1C
5.23
5.09
5.37
A
2.4%
5V6A
5.41
5.28
5.55
B
2.5%
5V6B
5.59
5.45
5.73
C
2.6%
5V6C
5.76
5.61
5.91
A
2.7%
6V2A
5.94
5.78
6.09
B
2.6%
6V2B
6.12
5.96
6.27
C
2.5%
6V2C
6.28
6.12
6.44
A
2.6%
6V8A
6.46
6.29
6.63
B
2.6%
6V8B
6.66
6.49
6.83
C
2.6%
6V8C
6.84
6.66
7.01
A
2.7%
7V5A
7.04
6.85
7.22
B
2.6%
7V5B
7.26
7.07
7.45
C
2.5%
7V5C
7.48
7.29
7.67
A
2.6%
8V2A
7.73
7.53
7.92
B
2.6%
8V2B
7.99
7.78
8.19
C
2.5%
8V2C
8.24
8.03
8.45
A
2.6%
9V1A
8.51
8.29
8.73
B
2.5%
9V1B
8.79
8.57
9.01
C
2.6%
9V1C
9.07
8.83
9.30
Document Number: DS_S1311002
Version: C15
1.0
1.0
5.0
1.5
MTZJ4V7
5
MTZJ5V1
5
80
800
80
5.0
900
5.0
2.5
MTZJ6V2
5
60
300
1.0
3.0
MTZJ5V6
0.5
4.0
MTZJ6V8
5
20
150
MTZJ7V5
5
20
120
0.5
0.5
6.0
MTZJ8V2
5
20
120
MTZJ9V1
5
25
120
5.0
1.0
0.5
0.5
5.0
0.5
2.0
3.5
0.5
5.0
MTZJ4V3
5
100
1000
1.0
5
60
500
1.0
1.0
1.0
MTZJ3V9
5
100
1000
1.0
5
1.0
MTZJ3V6
5
100
1000
0.5
50
120
1000
1.0
10
1.0
MTZJ3V3
5
120
1000
0.5
20
1.0
MTZJ3V0
5
1.0
MTZJ2V7
5
110
1000
0.5
100
1.0
MTZJ2V0
MTZJ2V2
5
100
5
100
1000
0.5
100
0.7
MTZJ2V4
5
100
1000
0.5
120
IZT
(mA)
Tolerance
1000
0.5
VR
(V)
120
0.5
Marking
code
Small Signal Product
MTZJ2V0A - MTZJ39D
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR (μA)
Max
Type
Number
VZ @ IZT (Volt)


Similar Part No. - MTZJ6V8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ6V8 TSC-MTZJ6V8 Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Yea Shin Technology Co....
MTZJ6V8 YEASHIN-MTZJ6V8 Datasheet
839Kb / 4P
   500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
MTZJ6V8A SEMTECH_ELEC-MTZJ6V8A Datasheet
261Kb / 4P
   ZENER DIODES
MTZJ6V8B SEMTECH_ELEC-MTZJ6V8B Datasheet
261Kb / 4P
   ZENER DIODES
MTZJ6V8C SEMTECH_ELEC-MTZJ6V8C Datasheet
261Kb / 4P
   ZENER DIODES
More results

Similar Description - MTZJ6V8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Taiwan Semiconductor Co...
MTZJ TSC-MTZJ Datasheet
126Kb / 5P
   500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
   500mW Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com