Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4063 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4063_15 Datasheet HTML 2Page - Linear Technology LTC4063_15 Datasheet HTML 3Page - Linear Technology LTC4063_15 Datasheet HTML 4Page - Linear Technology LTC4063_15 Datasheet HTML 5Page - Linear Technology LTC4063_15 Datasheet HTML 6Page - Linear Technology LTC4063_15 Datasheet HTML 7Page - Linear Technology LTC4063_15 Datasheet HTML 8Page - Linear Technology LTC4063_15 Datasheet HTML 9Page - Linear Technology LTC4063_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4063

4063fc
TEMPERATURE (°C)
–50
0
50
100
150
200
–25
0
25
50
4063 G19
75
100
VOUT = 3V
IOUT = 100mA
TEMPERATURE (°C)
–50
15
20
25
75
4060 G20
10
5
0
–25
0
25
50
100
VBAT = 4.2V
VBAT = 2.65V
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
4063 G24
0.01
100
10
LOAD CURRENT (mA)
0
0
30
60
90
120
180
20
40
60
80
4063 G26
100
120
150
VOUT = 3V
TA = 115°C
TA = 90°C
TA = –40°C
TA = 25°C
TEMPERATURE (°C)
–50
800
850
900
25
75
4063 G22
750
700
–25
0
50
100
125
650
600
VBAT = 4V
TEMPERATURE (°C)
–50
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
25
75
4063 G23
–25
0
50
100
VOUT
500µV/
DIV
4063 G21
135µVRMS
10ms/DIV
COUT = 2.2µF
ILOAD = 100mA
VOUT = 3V
OUTPUT
VOLTAGE
DEVIATION
50mV/DIV
LOAD
CURRENT
50mA/DIV
4063 G25
50µs/DIV
COUT = 2.2µF
VOUT = 1.2V
Typical perForMance characTerisTics
LDORegulatorDropoutVoltage
vsTemperature
LDORegulatorDropoutVoltage
vsLoadCurrent
LDORegulatorQuiescentCurrent
vsTemperature
LDORegulator10Hzto100kHz
OutputNoise
LDORegulatorTransient
Response
LDOENPinThreshold(On-to-Off)
vsTemperature
LDORegulatorOutputNoise
SpectralDensity
LDOENPinPull-DownResistance
vsTemperature
TA=25°C,unlessotherwisenoted.


Similar Part No. - LTC4063_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4063 LINER-LTC4063 Datasheet
212Kb / 20P
   Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LTC4063 LINEAR-LTC4063 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4063 LINER-LTC4063 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4063 LINER-LTC4063 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4063_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4063 LINER-LTC4063 Datasheet
212Kb / 20P
   Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
LTC4062 LINER-LTC4062 Datasheet
176Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
LTC4062 LINER-LTC4062_15 Datasheet
184Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Micropower Comparator
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com