Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4056-4.2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4056-4.2
Description  Linear Li-Ion Charger with Termination in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4056-4.2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4056-4.2_15 Datasheet HTML 4Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 5Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 6Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 7Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 8Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 9Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 10Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 11Page - Linear Technology LTC4056-4.2_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4056-4.2
8
405642f
APPLICATIO S I FOR ATIO
Undervoltage Lockout
An internal undervoltage lockout (UVLO) circuit monitors
the input voltage and keeps the charger in shutdown mode
until VCC rises above the UVLO threshold (VUVLOI is
typically 4.4V). Approximately 50mV of hysteresis is built
in to prevent oscillation around the threshold level. In
undervoltage lockout, battery drain current is very low
(<1
µA) and supply current is approximately 40µA.
Undervoltage Charge Current Limiting
The LTC4056 includes undervoltage charge current limit-
ing that prevents full charge current until the input supply
voltage reaches a threshold value (VUVCL). This feature is
particularly useful if the LTC4056 is powered from a
supply with long leads (or any relatively high output
impedance).
For example, USB powered systems tend to have highly
variable source impedances (due primarily to cable quality
and length). A transient load combined with such an
impedance can easily trip the UVLO threshold and turn the
charger off unless undervoltage charge current limiting is
implemented.
Consider a situation where the LTC4056 is operating
under normal conditions and the input supply voltage
begins to sag (e.g. an external load drags the input supply
down). If the input voltage reaches VUVCL (approximately
170mV above the rising undervoltage lockout threshold,
VUVLOI), undervoltage charge current limiting will begin to
reduce the charge current in an attempt to maintain VUVCL
at the VCC input of the IC. The LTC4056 will continue to
operate at the reduced charge current until the input
supply voltage is increased or voltage mode reduces the
charge current further.
Trickle Charge and Defective Battery Detection
At the beginning of a charge cycle, if the battery voltage is
low (below VTRIKL of about 2.8V) the charger goes into
trickle charge mode reducing the charge current to ap-
proximately 2% of the full-scale current. If the low battery
voltage persists for one quarter of the total charge time,
the battery is assumed to be defective, the charge cycle is
terminated and the CHRG pin output transitions from a
strong pull-down to a 12
µA pull-down. To restart the
charge cycle, remove the input voltage and reapply it or
momentarily force the TIMER/SHDN pin to ground.
Programming Charge Current
When in constant current mode, the full-scale charge
current is programmed using a single external resistor
between the PROG pin and ground, RPROG. The current
delivered to the ISENSE pin (flowing from VCC through the
internal 110m
Ω sense resistor) will be 915 times the
current in RPROG. Because the LTC4056 provides a virtual
1V source at the PROG pin, the charge current is given by:
II
V
R
or
R
V
I
CHG
PROG
PROG
PROG
CHG
=
()
= 


= 


••
915
1
915
1
915
Under trickle charge conditions, this current is reduced to
approximately 2% of the full-scale value. The actual bat-
tery charge current (IBAT) is slightly lower than the ex-
pected charge current because the charger forces the
emitter current and the battery charge current will be
reduced by the base current. In terms of
β (IC/IB), IBAT can
be calculated as follows:
IA
I
V
R
BAT
PROG
PROG
()=
+


=
+


915
1
915
1
••
β
β
β
β
If
β = 50, then IBAT is 2% low. If desired, reducing RPROG
by 2% can compensate for the 2% drop.
For example, if 700mA charge current is required, calcu-
late:
R
V
mA
k
PROG =


=
1
700
915
1 3
•.
If a low
β needs to be compensated for, say β = 50,
calculate:
R
V
mA
k
PROG =
+


=
915
700
50
50 1
127
•.
For best stability over temperature and time, 1% metal-
film resistors are recommended.


Similar Part No. - LTC4056-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4056-4.2 LINER-LTC4056-4.2 Datasheet
208Kb / 16P
   Linear Li-Ion Charger with Termination in ThinSOT
More results

Similar Description - LTC4056-4.2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4056-4.2 LINER-LTC4056-4.2 Datasheet
208Kb / 16P
   Linear Li-Ion Charger with Termination in ThinSOT
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054L-4.2 LINER-LTC4054L-4.2 Datasheet
191Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC4054L-4.2 LINER-LTC4054L-4.2_15 Datasheet
220Kb / 16P
   150mA Standalone Linear Li-Ion Battery Charger in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD4054 SHOUDING-SD4054 Datasheet
609Kb / 14P
   600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com