Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4008 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4008
Description  4A, High Effi ciency, Multi-Chemistry Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4008 Datasheet(HTML) 2 Page - Linear Technology

  LTC4008_15 Datasheet HTML 1Page - Linear Technology LTC4008_15 Datasheet HTML 2Page - Linear Technology LTC4008_15 Datasheet HTML 3Page - Linear Technology LTC4008_15 Datasheet HTML 4Page - Linear Technology LTC4008_15 Datasheet HTML 5Page - Linear Technology LTC4008_15 Datasheet HTML 6Page - Linear Technology LTC4008_15 Datasheet HTML 7Page - Linear Technology LTC4008_15 Datasheet HTML 8Page - Linear Technology LTC4008_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4008
2
4008fb
Voltage from DCIN, CLP, CLN to GND.......... +32V/–0.3 V
PGND with Respect to GND ...................................±0.3V
CSP, BAT to GND .......................................... +28V/–0.3V
VFB, RT to GND............................................... +7V/–0.3V
NTC.............................................................. +10V/–0.3V
ACP/SHDN, FLAG, FAULT, ICL ..................... +32V/–0.3V
(Note 1)
ABSOLUTE MAXIMUM RATINGS
CLP to CLN ..........................................................+0.5V
Operating Ambient Temperature Range
(Note 4) ............................................... –40°C to 85°C
Operating Junction Temperature ............ –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
LTC4008
LTC4008-1*
GN PACKAGE
20-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
INFET
BGATE
PGND
TGATE
CLP
CLN
FLAG
BATMON
BAT
CSP
DCIN
ICL
ACP/SHDN
RT
FAULT
GND
VFB
NTC
ITH
PROG
TJMAX = 125°C, θJA = 160°C/W
EXPOSED PAD (PIN #) IS GND, MUST BE SOLDERED TO PCB
GN PACKAGE
20-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
NC
BGATE
PGND
TGATE
CLP
CLN
FLAG
BATMON
BAT
CSP
DCIN
ICL
SHDN
RT
FAULT
GND
VFB
NTC
ITH
PROG
TJMAX = 150°C, θJA = 140°C/W
*The LTC4008EGN-1 does not have the Input FET function
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4008EGN#PBF
LTC4008EGN#TRPBF
LTC4008EGN
20-Lead Narrow Plastic SSOP
–40°C to 125°C
LTC4008EGN-1#PBF
LTC4008EGN-1#TRPBF
LTC4008EGN-1
20-Lead Narrow Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC4008_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4008EGN LINER-LTC4008EGN Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
LTC4008EGN-1 LINER-LTC4008EGN-1 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
More results

Similar Description - LTC4008_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009 Datasheet
305Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Linear Technology
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com