Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4007-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4007-1
Description  4A, High Efficiency, Li-Ion Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4007-1_15 Datasheet HTML 4Page - Linear Technology LTC4007-1_15 Datasheet HTML 5Page - Linear Technology LTC4007-1_15 Datasheet HTML 6Page - Linear Technology LTC4007-1_15 Datasheet HTML 7Page - Linear Technology LTC4007-1_15 Datasheet HTML 8Page - Linear Technology LTC4007-1_15 Datasheet HTML 9Page - Linear Technology LTC4007-1_15 Datasheet HTML 10Page - Linear Technology LTC4007-1_15 Datasheet HTML 11Page - Linear Technology LTC4007-1_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC4007-1
40071f
BLOCK DIAGRA
+
+
5
4
13
9k
1.19V
11.67
µA
TBAD
MUX
EA
gm = 1m
gm = 1m
gm = 1.4m
921mV
1.19V
3C4C
FLAG
GND
CHEM
6
LOBAT
10
17
ICL
TGATE
BGATE
Q1
Q2
15
CLP
100mV
15nF
20
µF
RCL
5k
16
CLN
20
PGND
L1
397mV
CHG
RT
NTC
0.47
µF
10k
NTC
RRT
+
+
CL1
TIMER/CONTROLLER
THERMISTOR
OSCILLATOR
24
2
7
BAT
3.01k
RSENSE
CSP
ITH
8
32.4k
WATCHDOG
DETECT tOFF
CLN
DCIN
OV
OSCILLATOR
1.28V
PWM
LOGIC
S
R
Q
CHARGE
IREV
ICMP
+
÷5
BUFFERED ITH
18
PROG
40071 BD
RPROG
26.7k
0.0047
µF
9
14
FAULT 3
SHDN 22
ACP 1
INFET
Q3
DCIN
0.1
µF
VIN
21
23
+
CLN
5.8V
3.01k
20
µF
6K
0.12
µF
12
11
CA1
CA2
C/10
35mV
+
17mV


Similar Part No. - LTC4007-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
More results

Similar Description - LTC4007-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
   High Efficiency Li-Ion Battery Charger
logo
Linear Technology
LT3651EUHE-4.2 LINER-LT3651EUHE-4.2 Datasheet
608Kb / 6P
   4A High Voltage Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
logo
List of Unclassifed Man...
TS55101 ETC2-TS55101 Datasheet
725Kb / 7P
   High Efficiency 2A Li-Ion Battery Charger
logo
Linear Technology
LT3651-4.2 LINER-LT3651-4.2 Datasheet
1Mb / 22P
   Monolithic 4A High Voltage Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com