Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBT3906
Description  40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3906 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBT3906_15 Datasheet HTML 1Page - Diodes Incorporated MMBT3906_15 Datasheet HTML 2Page - Diodes Incorporated MMBT3906_15 Datasheet HTML 3Page - Diodes Incorporated MMBT3906_15 Datasheet HTML 4Page - Diodes Incorporated MMBT3906_15 Datasheet HTML 5Page - Diodes Incorporated MMBT3906_15 Datasheet HTML 6Page - Diodes Incorporated MMBT3906_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMBT3906
Document number: DS30059 Rev. 17 - 2
2 of 7
www.diodes.com
November 2013
© Diodes Incorporated
MMBT3906
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-40
V
Emitter-Base Voltage
VEBO
-6.0
V
Collector Current
IC
-200
mA
Peak Collector Current
ICM
-200
mA
Peak Base Current
IBM
-100
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
310
mW
(Note 7)
350
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
403
C/W
(Note 7)
357
Thermal Resistance, Junction to Leads
(Note 8)
RθJL
350
C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
C
ESD Ratings (Note 9)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted on minimum recommended pad layout 1oz copper that is on a single-sided FR4 PCB; device is measured under still air
conditions whilst operating in a steady-state.
7. Same as note (6), except the device is mounted on 15 mm x 15mm 1oz copper.
8. Thermal resistance from junction to solder-point (at the end of the leads).
9. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - MMBT3906_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBT3906 KEXIN-MMBT3906_15 Datasheet
1Mb / 2P
   PNP Transistors
logo
SeCoS Halbleitertechnol...
MMBT3906 SECOS-MMBT3906_15 Datasheet
1Mb / 5P
   PNP Plastic Encapsulated Transistor
logo
Micro Commercial Compon...
MMBT3906 MCC-MMBT3906_15 Datasheet
337Kb / 6P
   PNP General Purpose Amplifier
More results

Similar Description - MMBT3906_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT3904 DIODES-MMBT3904_15 Datasheet
168Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
   PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
   60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com