Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4001 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4001
Description  2A Synchronous Buck Li-Ion Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001 Datasheet(HTML) 5 Page - Linear Technology

  LTC4001_15 Datasheet HTML 1Page - Linear Technology LTC4001_15 Datasheet HTML 2Page - Linear Technology LTC4001_15 Datasheet HTML 3Page - Linear Technology LTC4001_15 Datasheet HTML 4Page - Linear Technology LTC4001_15 Datasheet HTML 5Page - Linear Technology LTC4001_15 Datasheet HTML 6Page - Linear Technology LTC4001_15 Datasheet HTML 7Page - Linear Technology LTC4001_15 Datasheet HTML 8Page - Linear Technology LTC4001_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC4001
4001f
TYPICAL PERFOR A CE CHARACTERISTICS
Soft-Start (PWM Mode)
IDET Threshold vs RIDET for
RPROG = 549Ω
PI FU CTIO S
BAT (Pin 1): Battery Charger Output Terminal. Connect a
10
µF ceramic chip capacitor between BAT and PGND to
keep the ripple voltage small.
SENSE (Pin 2): Internal Sense Resistor. Connect to exter-
nal inductor.
PGND (Pin 3): Power Ground.
GNDSENS (Pin 4): Ground Sense. Connect this pin to the
negative battery terminal. GNDSENS provides a Kelvin
connection for PGND and must be connected to PGND
schematically.
SW (Pin 5): Switch Node Connection. This pin connects to
the drains of the internal main and synchronous power
MOSFET switches. Connect to external inductor.
EN (Pin 6): Enable Input Pin. Pulling the EN pin high places
the LTC4001 into a low power state where the BAT drain
current drops to less than 3
µA and the supply current is
reduced to less than 50
µA. For normal operation, pull the
pin low.
CHRG (Pin 7): Open-Drain Charge Status Output. When
the battery is being charged, CHRG is pulled low by an
internal N-channel MOSFET. When the charge current
drops below the IDET threshold (set by the RIDET program-
ming resistor) for more than 5milliseconds, the N-channel
MOSFET turns off and a 30
µA current source is connected
from CHRG to ground. (This signal is latched and is reset
by initiating a new charge cycle.) When the timer runs out
or the input supply is removed, the current source will be
disconnected and the CHRG pin is forced to a high imped-
ance state. A temperature fault causes this pin to blink.
PVIN (Pin 8): Positive Supply Voltage Input. This pin
connects to the power devices inside the chip. VIN ranges
from 4V to 5.5V for normal operation. Operation down to
the undervoltage lockout threshold is allowed with current
limited wall adapters. Decouple with a 10
µF or larger
surface mounted ceramic capacitor.
VINSENSE (Pin 9): Positive Supply Sense Input. This pin
connects to the inputs of all input comparators (UVL, VIN
to VBAT). It also supplies power to the controller portion of
this chip. When the BATSENS pin rises to within 30mV of
VINSENSE, the LTC4001 enters sleep mode, dropping IIN to
50
µA. Tie this pin directly to the terminal of the PVIN
decoupling capacitor.
CHRG Pin Temperature Fault
Behavior (Detail)
0
INPUT
CURRENT (IIN)
0.5A/DIV
INDUCTOR
CURRENT (IL)
0.5A/DIV
SOFT-START
VOLTAGE (VSS)
1V/DIV
EN PIN (VEN)
5V/DIV
0
0
0
2ms/DIV
VBAT = 3.5V
VIN = 5V
4001 G09
RIDET (Ω)
300
200
250
300
1100
4001 G10
150
100
0
500
700
900
400
1200
600
800
1000
50
400
350
CHRG
1V/DIV
TIME (20
µs/DIV)
4001 G11


Similar Part No. - LTC4001_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results

Similar Description - LTC4001_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
   2A Synchronous Buck Li-ion Charger
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
   4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
   2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com