Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4001 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4001
Description  2A Synchronous Buck Li-Ion Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4001 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4001_15 Datasheet HTML 6Page - Linear Technology LTC4001_15 Datasheet HTML 7Page - Linear Technology LTC4001_15 Datasheet HTML 8Page - Linear Technology LTC4001_15 Datasheet HTML 9Page - Linear Technology LTC4001_15 Datasheet HTML 10Page - Linear Technology LTC4001_15 Datasheet HTML 11Page - Linear Technology LTC4001_15 Datasheet HTML 12Page - Linear Technology LTC4001_15 Datasheet HTML 13Page - Linear Technology LTC4001_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC4001
4001f
APPLICATIO S I FOR ATIO
Soft-Start and Compensation Capacitor Selection
The LTC4001 has a low current trickle charger and a
PWM-based high current charger. Soft-start is used when-
ever the high rate charger is initially turned on, preventing
high start-up current. Soft-start ramp rate is set by the
internal 12.8
µA pull-up current and an external capacitor.
The control range on the SS pin is approximately 0.3V to
1.6V. With a 0.1
µF capacitor, the time to ramp up to
maximum duty cycle is approximately 10ms.
The external capacitor on the SS pin also sets the compen-
sation for the current control loop and the float voltage
control loop. A minimum capacitance of 10nF is required.
Charge Current and IDET Programming
The LTC4001 has two different charge modes. If the
battery is severely depleted (battery voltage less than
2.9V) a 50mA trickle current is initially used. If the battery
voltage is greater than the trickle charge threshold, high
rate charging is used.
This higher charge current is programmable and is ap-
proximately 915 times the current delivered by the PROG
pin. This current is usually set with an external resistor
from PROG to GNDSENS, but it may also be set with a
current output DAC connected to the PROG pin. The
voltage on the PROG pin is nominally 1.213V.
For 2A charge current:
R
V
A
PROG =
≅Ω
915 1 213
2
554 9
•.
.
The IDET threshold (a charge current threshold used to
determine when the battery is nearly fully charged) is
programmed in much the same way as the PROG pin,
except that the IDET threshold is 91.5 times the current
delivered by the IDET pin. This current is usually set with
an external resistor from IDET to ground, but it may also
be set with a current output DAC. The voltage on the PROG
pin is nominally 1.213V.
For 200mA IDET current (corresponding to C/10 for a
2AHr battery):
R
V
A
IDET =
≅Ω
91 5 1 213
02
554 9
.• .
.
.
1.10k
Ω programs approximately 100mA and 274Ω ap-
proximately 400mA.
For applications where IDET is set to one tenth of the high
rate charge current, and slightly poorer charger current
and IDET threshold accuracy is acceptable, the PROG and
IDET pins may be tied together and a single resistor, R1,
can program both (Figure 1).
R
ICHARGE
1
457 5 1 213
=
.• .
and
IDET
ICHARGE
=
10
Figure 1. Programming Charge Current and IDET Threshold
with a Single Resistor
PROG
LTC4001
IDET
R1
274
Ω FOR 2A
GNDSENS
4001 F01


Similar Part No. - LTC4001_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results

Similar Description - LTC4001_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
   2A Synchronous Buck Li-ion Charger
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
   2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
   2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
   2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
   4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
   3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
   2.5A Synchronous Buck 4 Cells Li-ion charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com