Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3872-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3872-1
Description  No RSENSE Current Mode Boost DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3872-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3872-1_15 Datasheet HTML 2Page - Linear Technology LTC3872-1_15 Datasheet HTML 3Page - Linear Technology LTC3872-1_15 Datasheet HTML 4Page - Linear Technology LTC3872-1_15 Datasheet HTML 5Page - Linear Technology LTC3872-1_15 Datasheet HTML 6Page - Linear Technology LTC3872-1_15 Datasheet HTML 7Page - Linear Technology LTC3872-1_15 Datasheet HTML 8Page - Linear Technology LTC3872-1_15 Datasheet HTML 9Page - Linear Technology LTC3872-1_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3872-1
6
38721f
For more information www.linear.com/LTC3872-1
IPRG (Pin 1/Pin 4): Current Sense Limit Select Pin.
ITH (Pin 2/Pin 3): Error Amplifier Compensation Point.
Nominal voltage range for this pin is 0.7V to 1.9V.
VFB (Pin 3/Pin 2): Receives the feedback voltage from an
external resistor divider across the output.
GND (Pin 4/Pin 1, Exposed Pad Pin 9): Ground. The ex-
posed pad must be soldered to PCB ground for electrical
contact and rated thermal performance.
NGATE(Pin5/Pin8):GateDrivefortheExternalN-Channel
MOSFET. This pin swings from 0V to VIN.
VIN (Pin 6/Pin 7): Supply Pin. This pin must be closely
decoupled to GND.
RUN/SS (Pin 7/Pin 6): Shutdown and external soft-start
pin. In shutdown, all functions are disabled and the NGATE
pin is held low.
SW (Pin 8/Pin 5): Switch node connection to inductor and
current sense input pin through external slope compensa-
tion resistor. Normally, the external N-channel MOSFET’s
drain is connected to this pin.
RUN/SS
VIN
SW
GND
ITH
VFB
NGATE
38721 FD
IPRG
SLOPE
COMPENSATION
550kHz
OSCILLATOR
CURRENT
COMPARATOR
S
R
Q
VIN
VOLTAGE
REFERENCE
UNDERVOLTAGE
LOCKOUT
+
ITH
BUFFER
SWITCHING
LOGIC CIRCUIT
CURRENT LIMIT
CLAMP
INTERNAL
SOFT-START
RAMP
+
ILIM
RS
LATCH
1.2V
1.2V
UV
SHUTDOWN
COMPARATOR
SHDN
ERROR
AMPLIFIER
0.7µA
pin FuncTions (TS8/DD8)
FuncTional DiagraM


Similar Part No. - LTC3872-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
More results

Similar Description - LTC3872-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3872 LINER-LTC3872_15 Datasheet
256Kb / 22P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3872-1 LINER-LTC3872-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3872 LINER-LTC3872 Datasheet
266Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC1700 LINER-LTC1700_15 Datasheet
206Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC1871EMS-7 LINER-LTC1871EMS-7 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com