Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1385 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1385
Description  3.3V Low Power EIA/TIA-562 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1385 Datasheet(HTML) 4 Page - Linear Technology

  LTC1385 Datasheet HTML 1Page - Linear Technology LTC1385 Datasheet HTML 2Page - Linear Technology LTC1385 Datasheet HTML 3Page - Linear Technology LTC1385 Datasheet HTML 4Page - Linear Technology LTC1385 Datasheet HTML 5Page - Linear Technology LTC1385 Datasheet HTML 6Page - Linear Technology LTC1385 Datasheet HTML 7Page - Linear Technology LTC1385 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1385
TYPICAL PERFORMANCE CHARACTERISTICS
DATA RATE (kBAUD)
0
60
LTC1385 • TPC03
10
5
20
40
80
0
20
15
100
120
140
VCC = 3.3V
RL = 3k
CL = 2500pF
ALL DRIVERS ACTIVE
Supply Current vs Data Rate
TEMPERATURE (°C)
0
0
0.5
1.5
2.0
2.5
40
4.5
LTC1385 • TPC04
1.0
20
10
50
60
30
70
3.0
3.5
4.0
2 DRIVERS LOADED
RL = 3k
1 DRIVER LOADED
RL = 3k
VCC Supply Current
vs Temperature
TEMPERATURE (°C)
0
–5
–4
–2
–1
0
5
2
20
40
50
LTC1385 • TPC01
–3
3
4
1
10
30
60
70
OUTPUT HIGH
VCC = 3.3V
OUTPUT LOW
VCC = 3.3V
ALL DRIVERS WITH LOAD
RL = 3k
Driver Output Voltage
vs Temperature
TEMPERATURE (˚C)
0
1.8
2.0
2.2
30
VTH
+
VTH
50
LTC1385 • TPC02
1.6
1.4
10
20
40
60
70
1.2
1.0
Receiver Input Thresholds
vs Temperature
Driver Leakage in Shutdown
vs Temperature
TEMPERATURE (°C)
0
60
45
40
35
30
25
20
15
10
5
0
LTC1385 • TPC05
20
70
10
30
40
50
VOUT = –20V
VOUT = 20V
Driver Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
0
0
2
6
8
10
20
18
LTC1385 • TPC06
4
10
30
ISC
ISC
+
40
60
50
70
12
14
16
Receiver Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
0
0
5
15
20
25
20
45
LTC1385 • TPC06
10
10
30
ISC
40
60
50
70
30
35
40
ISC
+
Driver Output Waveforms
Receiver Output Waveform
DRIVER
OUTPUT
RL = 3k
CL = 1000pF
INPUT
DRIVER
OUTPUT
RL = 3k
LTC1385 • TPC08
LTC1385 • TPC09
RECEIVER
OUTPUT
CL = 51pF
INPUT


Similar Part No. - LTC1385

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1385 LINER-LTC1385 Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
logo
Linear Dimensions Semic...
LTC1385 LINEAR_DIMENSIONS-LTC1385 Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385 LINER-LTC1385 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385CG LINER-LTC1385CG Datasheet
207Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385CG LINEAR_DIMENSIONS-LTC1385CG Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
More results

Similar Description - LTC1385

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
logo
Maxim Integrated Produc...
MAX560 MAXIM-MAX560 Datasheet
340Kb / 8P
   3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
Rev 0; 5/92
MAX563 MAXIM-MAX563 Datasheet
70Kb / 8P
   3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
Rev 0; 10/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com