Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLZ22 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # LLZ22
Description  Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLZ22 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  LLZ22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLZ22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLZ22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LLZ22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
LLZ2V4
2.4
5
100
120
1.0
LLZ2V7
2.7
5
110
100
1.0
LLZ3V0
3.0
5
120
50
1.0
LLZ3V3
3.3
5
120
20
1.0
LLZ3V6
3.6
5
100
10
1.0
LLZ3V9
3.9
5
100
5
1.0
LLZ4V3
4.3
5
100
5
1.0
LLZ4V7
4.7
5
80
5
1.0
LLZ5V1
5.1
5
80
5
1.5
LLZ5V6
5.6
5
60
5
2.5
LLZ6V2
6.2
5
60
5
3.0
LLZ6V8
6.8
5
20
2.0
3.5
LLZ7V5
7.5
5
20
0.5
4.0
LLZ8V2
8.2
5
20
0.5
5.0
LLZ9V1
9.1
5
25
0.5
6.0
LLZ10
10.0
5
30
0.2
7.0
LLZ11
11.0
5
30
0.2
8.0
LLZ12
12
5
30
0.2
9.0
LLZ13
13
5
35
0.2
10.0
LLZ15
15
5
40
0.2
11.0
LLZ16
16
5
40
0.2
12.0
LLZ18
18
5
45
0.2
13
LLZ20
20
5
45
0.2
15
LLZ22
22
5
30
0.2
17
LLZ24
24
5
35
0.2
19
LLZ27
27
5
45
0.2
21
LLZ30
30
5
55
0.2
23
LLZ33
33
5
65
0.2
25
LLZ36
36
5
75
0.2
27
LLZ39
39
5
85
0.2
30
LLZ43
43
5
90
0.2
33
LLZ47
47
5
90
0.2
36
LLZ51
51
5
110
0.2
39
LLZ56
56
5
110
0.2
43
LLZ62
62
2
201
0.2
47
LLZ68
68
2
230
0.2
51
LLZ75
75
2
240
0.2
56
Notes : 1. The type numbers listed have zener voltage as shown and have a standard tolerance
on the nominal zener voltage of ±5%.
2. For detailed information on price, availability and deliver of nominal zener voltages
between the voltages shown and tighter voltage tolerances, contact your nearest
Taiwan Semiconductor representative.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an
ac current having an RMS value equal to 10% of the dc zener current (IZT or IZK)
is superimposed to IZT or IZK.
Document Number: DS_S1408019
Version: D15
Vz @ IZT
(Volts)
Nom
IZT
(mA)
Device
VR
(Volts)
LLZ2V4 - LLZ75
Taiwan Semiconductor
Small Signal Product
ZZT @ IZT
(Ω)
Max.
IR @ VR
(μA)
Max.


Similar Part No. - LLZ22

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LLZ22 MCC-LLZ22 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
LLZ22 TSC-LLZ22 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ22 MCC-LLZ22 Datasheet
392Kb / 7P
   500mW Silicon Zener Diodes
LLZ22A MCC-LLZ22A Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
LLZ22B MCC-LLZ22B Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
More results

Similar Description - LLZ22

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com