Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3601 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3601
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3601_15 Datasheet HTML 2Page - Linear Technology LTC3601_15 Datasheet HTML 3Page - Linear Technology LTC3601_15 Datasheet HTML 4Page - Linear Technology LTC3601_15 Datasheet HTML 5Page - Linear Technology LTC3601_15 Datasheet HTML 6Page - Linear Technology LTC3601_15 Datasheet HTML 7Page - Linear Technology LTC3601_15 Datasheet HTML 8Page - Linear Technology LTC3601_15 Datasheet HTML 9Page - Linear Technology LTC3601_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC3601
6
3601fb
VOUT
100mV/DIV
AC COUPLED
ILOAD
1A/DIV
10μs/DIV
3601 G18
VIN = 12V
VOUT = 1.8V
ILOAD = 150mA TO 1.5A
IL
1A/DIV
VOUT
100mV/DIV
AC COUPLED
ILOAD
1A/DIV
10μs/DIV
3601 G17
VIN = 12V
VOUT = 1.8V
ILOAD = 150mA TO 1.5A
IL
1A/DIV
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up from Shutdown
Burst Mode Operation
Start-Up from Shutdown
Forced Continuous Mode
Load Step
Burst Mode Operation
Load Step
Forced Continuous Mode
Short-Circuit Waveforms
Forced Continuous Mode
TA = 25°C, VIN = 12V, fO = 1MHz, L = 2.2μH unless otherwise noted.
RUN
2V/DIV
PGOOD
5V/DIV
IL
1A/DIV
200μs/DIV
3601 G15
VIN = 12V
VOUT = 1.8V
ILOAD = 20mA
VOUT
2V/DIV
RUN
2V/DIV
IL
1A/DIV
200μs/DIV
3601 G16
VIN = 12V
VOUT = 1.8V
ILOAD = 1.5A
VOUT
1V/DIV
VOUT
1V/DIV
PGOOD
2V/DIV
100μs/DIV
3601 G19
VIN = 12V
VOUT = 1.8V
IL
2A/DIV
Start-Up Into Pre-Biased Output
(1V Pre-Bias) Burst Mode
Operation
VOUT
1V/DIV
RUN
10V/DIV
PGOOD
5V/DIV
1ms/DIV
3601 G20
VIN = 12V
VOUT = 1.8V
ILOAD = 5mA
IL
1A/DIV
Output Voltage vs Time
Burst Mode Operation
SW
5V/DIV
IL
1A/DIV
2μs/DIV
3601 G12
VIN = 12V
VOUT = 1.8V
ILOAD = 100mA
VOUT
20mV/DIV
AC COUPLED
Output Voltage vs Time
Forced Continuous Mode
SW
5V/DIV
IL
1A/DIV
2μs/DIV
3601 G13
VIN = 12V
VOUT = 1.8V
ILOAD = 100mA
VOUT
20mV/DIV
AC COUPLED
Output Tracking
2ms/DIV
3601 G14
VIN = 12V
VOUT = 1.8V
RLOAD = 36Ω
VOUT
VFB
TRACK


Similar Part No. - LTC3601_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601EMSE LINER-LTC3601EMSE Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601EMSEPBF LINER-LTC3601EMSEPBF Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601EMSETRPBF LINER-LTC3601EMSETRPBF Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601EUD LINER-LTC3601EUD Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601EUDPBF LINER-LTC3601EUDPBF Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3601_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
   15V, 짹5A Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
389Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com