Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1393 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1393
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1393 Datasheet(HTML) 3 Page - Linear Technology

  LTC1393 Datasheet HTML 1Page - Linear Technology LTC1393 Datasheet HTML 2Page - Linear Technology LTC1393 Datasheet HTML 3Page - Linear Technology LTC1393 Datasheet HTML 4Page - Linear Technology LTC1393 Datasheet HTML 5Page - Linear Technology LTC1393 Datasheet HTML 6Page - Linear Technology LTC1393 Datasheet HTML 7Page - Linear Technology LTC1393 Datasheet HTML 8Page - Linear Technology LTC1393 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1380/LTC1393
ELECTRICAL CHARACTERISTICS (Notes 2, 4)
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All current into device pins is positive; all current out of device
pins is negative. All voltages are referenced to ground unless otherwise
specified. All typicals are given for TA = 25°C, VCC = 5V (for both LTC1380
and LTC1393) and VEE = – 5V (LTC1380).
Note 3: These typical parameters are based on bench measurements and
are not production tested.
Note 4: Both SCL and SDA assume an external 15k pull-up resistor to a
typical SMBus host power supply VDD of 5V.
Note 5: Typical curves with VEE = – 5V apply to the LTC1380. Curves with
VEE = 0V apply to both the LTC1380 and the LTC1393.
Note 6: These parameters are guaranteed by design and are not tested in
production.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
SCL, SDA Input High Voltage
q
1.4
V
VIL
SCL, SDA Input Low Voltage
q
0.6
V
VOL
SDA Output Low Voltage
ISDA = 3mA
q
0.4
V
VAH
Address Input High Voltage
VCC = 5V
q
2V
VAL
Address Input Low Voltage
VCC = 5V
q
0.8
V
IIN
SCL, SDA, Address Input Current
0V
≤ VIN ≤ VCC
±1
µA
ICC
Positive Supply Current
VCC = 5V, All Digital Inputs at 5V
q
10
20
µA
IEE
Negative Supply Current
LTC1380: VCC = 5V, VEE = – 5V, All Digital Inputs at 5V
q
– 0.1
– 5
µA
CS
Input Off Capacitance
(Note 3)
3
pF
CD
Output Off Capacitance
(Note 3) LTC1380
26
pF
LTC1393
18
pF
tON
Switch Turn-On Time from
Figure 1 LTC1380: VCC = 5V, VEE = – 5V
q
850
1500
ns
Stop Condition
LTC1393: VCC = 5V
q
850
1500
ns
LTC1380/LTC1393: VCC = 2.7V, VEE = 0V
q
1130
2000
ns
tOFF
Switch Turn-Off Time from
Figure 1 LTC1380: VCC = 5V, VEE = – 5V
q
640
1200
ns
Stop Condition
LTC1393: VCC = 5V
q
650
1200
ns
LTC1380/LTC1393: VCC = 2.7V, VEE = 0V
q
670
1200
ns
tOPEN
Break-Before-Make Interval
tON – tOFF
q
75
210
ns
OIRR
Off-Channel Isolation
Figure 2, VS = 200mVP-P, RL = 1k, f = 100kHz (Note 3)
– 65
dB
QINJ
Charge Injection
Figure 3, CL = 1000pF (Note 3)
q
±1
±20
pC
SMBus Timing (Note 6)
fSMB
SMBus Operating Frequency
q
100
kHz
tBUF
Bus Free Time Between Stop/Start
q
4.7
µs
tHD:STA
Hold Time After (Repeated) Start
q
4.0
µs
tSU:STA
Repeated Start Setup Time
q
4.7
µs
tSU:STO
Stop Condition Setup Time
q
4.0
µs
tHD:DAT
Data Hold Time
q
300
ns
tSU:DAT
Data Setup Time
q
250
ns
tLOW
Clock Low Period
q
4.7
µs
tHIGH
Clock High Period
q
4.0
µs
tf
SCL/SDA Fall Time
Time Interval Between 0.9VDD and (VILMAX – 0.15)
q
300
ns
tr
SCL/SDA Rise Time
Time Interval Between (VILMAX – 0.15)
q
1000
ns
and (VIHMIN + 0.15)


Similar Part No. - LTC1393

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1393 LINER-LTC1393 Datasheet
245Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1393 LINER-LTC1393_15 Datasheet
245Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
More results

Similar Description - LTC1393

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1393 LINER-LTC1393_15 Datasheet
245Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
LTC1380 LINER-LTC1380_15 Datasheet
245Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Linear Technology
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com