Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54W-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT54W-7-F
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54W-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT54W-7-F Datasheet HTML 1Page - Diodes Incorporated BAT54W-7-F Datasheet HTML 2Page - Diodes Incorporated BAT54W-7-F Datasheet HTML 3Page - Diodes Incorporated BAT54W-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT54W /AW /CW /SW
Document number: DS30065 Rev. 15 - 2
1 of 4
www.diodes.com
March 2014
© Diodes Incorporated
BAT54W /AW /CW /SW
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Low Forward Voltage Drop
Fast Switching
Ultra-Small Surface Mount Package
PN Junction Guard Ring for Transient and ESD Protection
Qualified to AEC-Q101 Standards for High Reliability
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Notes 3 & 4)
Mechanical Data
Case: SOT323
Case Material: Molded Plastic, "Green" Molding Compound,
Note 5. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Weight: 0.006 grams (approximate)
SOT323
Top View
BAT54W-KL5
BAT54AW-KL6
BAT54CW-KL7
BAT54SW-KL8
Ordering Information (Note 5)
Part Number
Compliance
Case
Packaging
BAT54W-7-F
Standard
SOT323
3000/Tape & Reel
BAT54W-13-F
Standard
SOT323
10000/Tape & Reel
BAT54WQ-7-F
Automotive
SOT323
3000/Tape & Reel
BAT54AW-7-F
Standard
SOT323
3000/Tape & Reel
BAT54AW-13-F
Standard
SOT323
10000/Tape & Reel
BAT54AWQ-7-F
Automotive
SOT323
3000/Tape & Reel
BAT54CW-7-F
Standard
SOT323
3000/Tape & Reel
BAT54CW-13-F
Standard
SOT323
10000/Tape & Reel
BAT54CWQ-7-F
Automotive
SOT323
3000/Tape & Reel
BAT54SW-7-F
Standard
SOT323
3000/Tape & Reel
BAT54SW-13-F
Standard
SOT323
10000/Tape & Reel
BAT54SWQ-7-F
Automotive
SOT323
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code 1327 (week 27, 2013) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
Date Code Key
Year
2000
2001
2002
2003
2004
2010
2011
2012
2013
2014
2015
2016
2017
2018
Code
L
M
N
P
R
X
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
xxx = Product Type Marking Code
KL5 = BAT54W
KL6 = BAT54AW
KL7 = BAT54CW
KL8 = BAT54SW
YM = Date Code Marking
Y = Year (ex: A = 2014)
M = Month (ex: 9 = September)
xxx


Similar Part No. - BAT54W-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54W-7-F DIODES-BAT54W-7-F Datasheet
370Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 9 - 2
BAT54W-7-F DIODES-BAT54W-7-F Datasheet
129Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 11 - 2
BAT54W-7-F DIODES-BAT54W-7-F Datasheet
110Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT54W-7-F DIODES-BAT54W-7-F Datasheet
376Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT54W-7-F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com