Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1293CM Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1293CM
Description  Single Chip 12-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1293CM Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1293CM Datasheet HTML 5Page - Linear Technology LTC1293CM Datasheet HTML 6Page - Linear Technology LTC1293CM Datasheet HTML 7Page - Linear Technology LTC1293CM Datasheet HTML 8Page - Linear Technology LTC1293CM Datasheet HTML 9Page - Linear Technology LTC1293CM Datasheet HTML 10Page - Linear Technology LTC1293CM Datasheet HTML 11Page - Linear Technology LTC1293CM Datasheet HTML 12Page - Linear Technology LTC1293CM Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1293/LTC1294/LTC1296
TEST CIRCUITS
Voltage Waveforms for ten
CS
B11
DOUT
ten
0.8V
CLK
LTC1293 TC07
START
7
8
4
5
6
3
2
1
DIN
Voltage Waveform for DOUT Rise and Fall Times, tr, tf
DOUT
0.4V
2.4V
tr
tf
LTC1293 TC04
Voltage Waveform for tdis
Voltage Waveform for DOUT Delay Time, tdDO
CLK
DOUT
0.8V
tdDO
0.4V
2.4V
LTC1293 TC03
Voltage Waveform for for tenSSO
CLK
0.8V
0.8V
LTC1293 TC09
SSO
tenSSO
Voltage Waveform for tdisSSO
DOUT
WAVEFORM 1
(SEE NOTE 1)
2.0V
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
LTC1293 TC06
0.8V
2.4V
LTC1293 TC10
SSO
tdisSSO
CS


Similar Part No. - LTC1293CM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1293CCN LINER-LTC1293CCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293CCN LINER-LTC1293CCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293CCN LINER-LTC1293CCN Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293CCSW LINER-LTC1293CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1293CCSW LINER-LTC1293CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1293CM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com