Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU0073D Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RU0073D
Description  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RU0073D Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RU0073D_15 Datasheet HTML 1Page - Solid States Devices, Inc RU0073D_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0073D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR936M&Z
thru
SDR9312M&Z
Electrical Characteristic
Symbol
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 – 500 sec Pulse)
IF = 15A
IF = 30 A
VF1
VF2
1.28
1.45
1.35
1.55
VDC
Instantaneous Forward Voltage Drop
(IF = 15A, 300 – 500 sec Pulse)
TA = -55 ºC
TA = 100 ºC
VF3
VF4
1.25
1.30
1.35
1.40
VDC
Reverse Leakage Current
(100% of rated VR, 300 s pulse min.)
TA = 25 ºC
TA = 100 ºC
IR1
IR2
10
0.6
100
10
A
mA
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
105
150
pF
Reverse Recovery Time
(I
F = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC)
tRR
70
80
nsec
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
Available Part Numbers:
SDR936M, SDR936Z, SDR936MDB, SDR936ZDB, SDR936MUB, SDR936ZUB,
SDR937M, SDR937Z, SDR937MDB, SDR937ZDB, SDR937MUB, SDR937ZUB,
SDR938M, SDR938Z, SDR938MDB, SDR938ZDB, SDR938MUB, SDR938ZUB,
SDR939M, SDR939Z, SDR939MDB, SDR939ZDB, SDR939MUB, SDR939ZUB,
SDR9310M, SDR9310Z, SDR9310MDB, SDR9310ZDB, SDR9310MUB, SDR9310ZUB,
SDR9312M, SDR9312Z, SDR9312MDB, SDR9312ZDB, SDR9312MUB, SDR9312ZUB
PIN ASSIGNMENT
PACKAGE
Pin 1
Pin 2
Pin 3
TO-254 (M) Cathode Anode Anode
TO-254Z (Z) Cathode Anode Anode
TO-254:
SUFFIX: MD
SUFFIX: MU
SUFFIX: M
PIN 1
PIN 3
PIN 2
2x
.190
.150
.155
.140
.305
.295
.500 MIN
.675±.010
.800
.790
.545
.535
.260
.240
.050
.040
Ø
.149
.139
.545
.535
.155
.145
3x Ø
.045
.035
TO-254Z:
.260
.240
.055
.035
.155
.135
.555
.500
2x Ø
.150
.140
.285
.265
2x
.275
.255
.545
.535
.820
.790
1.090
1.050
.170
MIN
.170
MIN
2x
.190
.150
2x
.190
.150
SUFFIX: ZD
SUFFIX: ZU
SUFFIX: Z
2x
.140
.125
.545
.535
2x
.275
.255
3x
.045
.035
2x
.155
.145
.305
.295
PIN 1
PIN 2
PIN 3


Similar Part No. - RU0073D_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RU0073D SSDI-RU0073D Datasheet
81Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - RU0073D_15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com