Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU0057B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RU0057B
Description  Ultra Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RU0057B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RU0057B_15 Datasheet HTML 1Page - Solid States Devices, Inc RU0057B_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR705 thru SDR720
Electrical Characteristics 4/
Symbol
Value
Units
Maximum Instantaneous Forward Voltage Drop
(
IF = 70Adc, TA = 25 ºC, 300-500s Pulse)
VF1
0.975
VDC
Maximum Instantaneous Forward Voltage Drop
(
IF = 70Adc, TA = -55 ºC, 300-500s Pulse)
VF2
1.40
VDC
Maximum Reverse Leakage Current
(Rated VR, 300s minimum pulse)
TA = 25 ºC
TA = 100 ºC
IR1
IR2
25
6
A
mA
Maximum Reverse Recovery Time
(I
F = 500 mA, IR = 1 Amp, IRR = 250 mA)
TA = 25 ºC
tRR
50
nsec
Maximum Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
700
pF
DO-5 Outline:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0057B
DOC


Similar Part No. - RU0057B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RU0057B SSDI-RU0057B Datasheet
114Kb / 2P
   Ultra Fast Recovery Rectifier
More results

Similar Description - RU0057B_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
   Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
   Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UFR8510 MICROSEMI-UFR8510 Datasheet
123Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com