Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3412A Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3412A
Description  3A, 4MHz, Monolithic Synchronous Step-Down Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3412A Datasheet(HTML) 4 Page - Linear Technology

  LTC3412A_15 Datasheet HTML 1Page - Linear Technology LTC3412A_15 Datasheet HTML 2Page - Linear Technology LTC3412A_15 Datasheet HTML 3Page - Linear Technology LTC3412A_15 Datasheet HTML 4Page - Linear Technology LTC3412A_15 Datasheet HTML 5Page - Linear Technology LTC3412A_15 Datasheet HTML 6Page - Linear Technology LTC3412A_15 Datasheet HTML 7Page - Linear Technology LTC3412A_15 Datasheet HTML 8Page - Linear Technology LTC3412A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3412A

3412afe
typicAl perForMAnce chArActeristics
Efficiency vs Input Voltage
Efficiency vs Frequency
Load Regulation
Burst Mode Operation
Output Voltage Ripple
Load Step Transient Burst Mode
Operation
Efficiency vs Load Current
Efficiency vs Load Current,
Burst Mode Operation
Efficiency vs Load Current,
Forced Continuous Operation
LOAD CURRENT (A)
0.01
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
3412A GO1
Burst Mode
OPERATION
FORCED
CONTINUOUS
VIN = 3.3V
VOUT = 2.5V
FIGURE 4 CIRCUIT
100
95
90
85
80
75
70
65
60
55
50
LOAD CURRENT (A)
0.01
0.1
1
10
3412A GO2
VIN = 3.3V
VOUT = 2.5V
FIGURE 4 CIRCUIT
VIN = 5V
LOAD CURRENT (A)
0.01
0.1
1
10
100
90
80
70
60
50
40
30
20
10
0
3412A GO3
VOUT = 2.5V
FIGURE 4 CIRCUIT
VIN = 3.3V
VIN = 5V
INPUT VOLTAGE (V)
2.5
94
92
90
88
86
84
82
80
4.0
3412A GO4
3.0
3.5
4.5
5.0
0.1A
1A
3A
FIGURE 4 CIRCUIT
3412A GO5
96
95
94
93
92
91
90
89
88
87
FREQUENCY (MHz)
0
4.0
1.0
2.0
3.0
0.5
1.5
2.5
3.5
0.22µH
0.47µH
1µH
FIGURE 4 CIRCUIT
VIN = 3.3V
LOAD CURRENT (A)
0
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
0.5
1.0
1.5
2.0
3412A GO6
2.5
3.0
FIGURE 4 CIRCUIT
VIN = 3.3V
3412A GO7
5µs/DIV
VOUT
20mV/DIV
INDUCTOR
CURRENT
1A/DIV
FIGURE 4 CIRCUIT
3412A GO8
5µs/DIV
FORCED
CONTINUOUS
20mV/DIV
PULSE
SKIPPING
20mV/DIV
BURST
MODE
20mV/DIV
VIN = 3.3V
VOUT = 2.5V
FIGURE 4 CIRCUIT
3412A GO9
40µs/DIV
VOUT
100mV/DIV
INDUCTOR
CURRENT
2A/DIV
VIN = 3.3V
VOUT = 2.5V
F = 1MHz
LOAD STEP = 50mA TO 2A
FIGURE 4 CIRCUIT


Similar Part No. - LTC3412A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412AEFE LINER-LTC3412AEFE Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412AEFE-PBF LINER-LTC3412AEFE-PBF Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412AEFE-TR LINER-LTC3412AEFE-TR Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412AEFE-TRPBF LINER-LTC3412AEFE-TRPBF Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412AEUF LINER-LTC3412AEUF Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3412A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3412A LINER-LTC3412A Datasheet
443Kb / 20P
   3A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8004 RICHTEK-RT8004 Datasheet
248Kb / 16P
   3A, 4MHz, Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418 Datasheet
291Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3418 LINER-LTC3418_15 Datasheet
357Kb / 20P
   8A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com