Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123YE-M0RSG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # DTC123YE-M0RSG
Description  NPN Small Signal Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC123YE-M0RSG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  DTC123YE-M0RSG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC123YE-M0RSG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTC123YE-M0RSG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTC123YE-M0RSG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTC123YE-M0RSG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DTC123 YE/YUA/YCA/YSA
Taiwan Semiconductor
Small Signal Product
Min
Max
Min
Max
A
3.90
4.10
0.154
0.161
B
3.25
3.05
0.128
0.120
C
2.20
2.80
0.087
0.110
D
1.62
1.42
0.064
0.056
Min
Max
Min
Max
A
3.90
4.10
0.154
0.161
B
3.05
3.25
0.120
0.128
C
15.10
15.50
0.594
0.610
D
0.35
0.48
0.014
0.019
E
1.42
1.62
0.056
0.064
F
0.66
0.86
0.026
0.034
G
0.36
0.51
0.014
0.020
Document Number: DS_S1412028
Version: C14
DIM.
Unit (mm)
Unit (inch)
TO-92S (Ammo)
DIM.
Unit (mm)
Unit (inch)
TO-92S (Bulk)


Similar Part No. - DTC123YE-M0RSG

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123YE ROHM-DTC123YE Datasheet
69Kb / 3P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC123YE JIANGSU-DTC123YE Datasheet
129Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC123YE SECOS-DTC123YE Datasheet
218Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC123YE ROHM-DTC123YE Datasheet
145Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC123YE SECOS-DTC123YE Datasheet
139Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC123YE-M0RSG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com