Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3205 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3205
Description  Multidisplay LED Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3205 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3205_15 Datasheet HTML 6Page - Linear Technology LTC3205_15 Datasheet HTML 7Page - Linear Technology LTC3205_15 Datasheet HTML 8Page - Linear Technology LTC3205_15 Datasheet HTML 9Page - Linear Technology LTC3205_15 Datasheet HTML 10Page - Linear Technology LTC3205_15 Datasheet HTML 11Page - Linear Technology LTC3205_15 Datasheet HTML 12Page - Linear Technology LTC3205_15 Datasheet HTML 13Page - Linear Technology LTC3205_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3205
10
3205f
APPLICATIO S I FOR ATIO
VIN
VIN
1
µF
0.1
µF
GND
3205 F06
LTC3205
10nH
Figure 6. 10nH Inductor Used for Input Noise
Reduction (Approximately 1cm of Wire)
necessary for LD to load the data once it has shifted into
the device. Command data is latched into the command
register on the falling edge of the LD signal. The LTC3205
will begin to act on new command data as soon as LD goes
low. Any general purpose microcontroller I/O line can be
configured to control the LD pin if the microcontroller
doesn’t provide this feature automatically.
VIN, CPO Capacitor Selection
The style and value of capacitors used with the LTC3205
determine several important parameters such as regulator
control-loop stability, output ripple and charge pump
strength. To reduce noise and ripple, it is recommended
that low equivalent series resistance (ESR) multilayer
ceramic capacitors be used on both VIN and CPO. Tanta-
lum and aluminum capacitors are not recommended be-
cause of their high ESR. The value of the capacitor on CPO
directly controls the amount of output ripple for a given
load current. Increasing the size of this capacitor will
reduce the output ripple. The peak-to-peak output ripple is
approximately given by the expression:
V
I
fC
RIPPLE
OUT
OSC
OUT
P-P
3•
where fOSC is the LTC3205’s oscillator frequency (typically
800kHz) and COUT is the output charge storage capacitor
on CPO. Both the style and value of the output capacitor
can significantly affect the stability of the LTC3205. The
LTC3205 uses a linear control loop to adjust the strength
of the charge pump to match the current required at the
output. The error signal of this loop is stored directly on
the output charge storage capacitor. The charge storage
capacitor also serves to form the dominant pole for the
control loop. To prevent ringing or instability, it is impor-
tant for the output capacitor to maintain at least 0.6
µF of
capacitance over all conditions. Likewise, excessive ESR
on the output capacitor will tend to degrade the loop
stability of the LTC3205. The closed-loop output resis-
tance of the LTC3205 is designed to be 0.6
Ω. For a 100mA
load current change, the error signal will change by about
60mV. If the output capacitor has 0.6
Ω or more of ESR,
the closed-loop frequency response will cease to roll off in
a simple one-pole fashion and poor load transient re-
sponse or instability could result. Multilayer ceramic chip
capacitors typically have exceptional ESR performance.
MLCCs combined with a tight board layout will yield very
good stability. As the value of COUT controls the amount of
output ripple, the value of CIN controls the amount of ripple
present at the input pin (VIN). The input current to the
LTC3205 will be relatively constant while the charge pump
is on either the input charging phase or the output charg-
ing phase but will drop to zero during the clock nonoverlap
times. Since the nonoverlap time is small (~25ns), these
missing “notches” will result in only a small perturbation
on the input power supply line. Note that a higher ESR
capacitor such as tantalum will have higher input noise
due to the input current change times the ESR. Therefore,
ceramic capacitors are again recommended for their ex-
ceptional ESR performance. Input noise can be further
reduced by powering the LTC3205 through a very small
series inductor as shown in Figure 6. A 10nH inductor will
reject the fast current notches, thereby presenting a nearly
constant current load to the input power supply. For
economy, the 10nH inductor can be fabricated on the PC
board with about 1cm (0.4") of PC board trace.
Flying Capacitor Selection
Warning: A polarized capacitor such as tantalum or alumi-
num should never be used for the flying capacitors since
their voltage can reverse upon start-up of the LTC3205.
Ceramic capacitors should always be used for the flying
capacitors.
The flying capacitor controls the strength of the charge
pump. In order to achieve the rated output current it is
necessary to have at least 0.7
µF of capacitance for each of
the flying capacitors. Capacitors of different materials lose
their capacitance with higher temperature and voltage at
different rates. For example, a ceramic capacitor made of
X7R material will retain most of its capacitance from
–40
°C to 85°C whereas a Z5U or Y5V style capacitor will


Similar Part No. - LTC3205_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3205EUF LINER-LTC3205EUF Datasheet
252Kb / 16P
   Multidisplay LED Controller
More results

Similar Description - LTC3205_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3205 LINER-LTC3205 Datasheet
252Kb / 16P
   Multidisplay LED Controller
LTC3206 LINER-LTC3206 Datasheet
204Kb / 16P
   I2C Multidisplay LED Controller
LTC3206 LINER-LTC3206_15 Datasheet
214Kb / 16P
   I2C Multidisplay LED Controller
LTC3208 LINER-LTC3208 Datasheet
340Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
LTC3208 LINER-LTC3208_15 Datasheet
346Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
   450V LED controller
logo
Infineon Technologies A...
ICL8002G INFINEON-ICL8002G Datasheet
1Mb / 22P
   LED Controller IC
Rev1.0, 2012-02-28
logo
ELM Technology Corporat...
ELM916DB ELM-TECH-ELM916DB Datasheet
891Kb / 6P
   600V LED controller
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
   LED Drive controller
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
   LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com