Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123JSA Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # DTC123JSA
Description  NPN Small Signal Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC123JSA Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  DTC123JSA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC123JSA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTC123JSA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTC123JSA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTC123JSA Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd DTC123JSA Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Small Signal Product
PACKAGE OUTLINE DIMENSION
Min
Max
Min
Max
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
A
1.80
2.20
0.071
0.087
B
1.10
1.50
0.043
0.059
B
1.15
1.35
0.045
0.053
C
0.30
0.51
0.012
0.020
C
0.15
0.40
0.006
0.016
D
1.78
2.04
0.070
0.080
D
1.20
1.40
0.047
0.055
E
2.10
2.64
0.083
0.104
E
2.00
2.45
0.079
0.096
F
0.89
1.30
0.035
0.051
F
0.80
1.10
0.031
0.043
G
H
Min
Max
Min
Max
A
1.50
1.70
0.059
0.067
B
0.70
0.90
0.028
0.035
C
0.15
0.35
0.006
0.014
D
0.90
1.10
0.035
0.043
E
1.45
1.75
0.057
0.069
F
0.62
0.95
0.024
0.037
Document Number: DS_S1410005
Version: B14
DIM.
Unit (inch)
0.55 REF
0.022 REF
Unit (mm)
DIM.
Unit (mm)
Unit (inch)
SOT-323
DTC123JE/JUA/JCA/JSA
SOT-23
SOT-523
Taiwan Semiconductor
0.10 REF
0.004 REF
DIM.
Unit (mm)
Unit (inch)


Similar Part No. - DTC123JSA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123JSA ROHM-DTC123JSA Datasheet
66Kb / 4P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTC123JSA JIANGSU-DTC123JSA Datasheet
133Kb / 2P
   Digital transistors (built-in resistors)
logo
Rectron Semiconductor
DTC123JSA-B RECTRON-DTC123JSA-B Datasheet
891Kb / 14P
   DIGITAL TRANSISTOR (NPN)
DTC123JSA-T RECTRON-DTC123JSA-T Datasheet
891Kb / 14P
   DIGITAL TRANSISTOR (NPN)
More results

Similar Description - DTC123JSA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
   NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
   NPN Small Signal Transistor Small Signal Diode
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
   SMALL SIGNAL NPN TRANSISTOR
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
   NPN SMALL SIGNAL TRANSISTOR
logo
Rohm
BCX19T116 ROHM-BCX19T116 Datasheet
155Kb / 3P
   NPN small signal transistor
logo
Taiwan Semiconductor Co...
DTC143XM TSC-DTC143XM Datasheet
201Kb / 2P
   NPN Small Signal Transistor
logo
American Microsemicondu...
2N5320 AMMSEMI-2N5320 Datasheet
656Kb / 3P
   Small Signal NPN Transistor
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
   Small Signal Transistor (NPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com