Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2640 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2640
Description  Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2640 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2640_15 Datasheet HTML 3Page - Linear Technology LTC2640_15 Datasheet HTML 4Page - Linear Technology LTC2640_15 Datasheet HTML 5Page - Linear Technology LTC2640_15 Datasheet HTML 6Page - Linear Technology LTC2640_15 Datasheet HTML 7Page - Linear Technology LTC2640_15 Datasheet HTML 8Page - Linear Technology LTC2640_15 Datasheet HTML 9Page - Linear Technology LTC2640_15 Datasheet HTML 10Page - Linear Technology LTC2640_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2640
7
2640fc
For more information www.linear.com/LTC2640
timing characteristics The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V. (See Figure 1) (Note 8).
LTC2640-LM12/-LM10/-LM8/-LZ12/-LZ10/-LZ8, LTC2640A-LM12/-LZ12 (VFS = 2.5V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t1
SDI Valid to SCK Setup
l
4
ns
t2
SDI Valid to SCK Hold
l
4
ns
t3
SCK High Time
l
9
ns
t4
SCK Low Time
l
9
ns
t5
CS/LD Pulse Width
l
10
ns
t6
LSB SCK High to CS/LD High
l
7
ns
t7
CS/LD Low to SCK High
l
7
ns
t9
CLR Pulse Width
l
20
ns
t10
CS/LD High to SCK Pos. Edge
l
7
ns
SCK Frequency
50% Duty Cycle
l
50
MHz
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2640-HM12/-HM10/-HM8/-HZ12/-HZ10/-HZ8, LTC2640A-HM12/-HZ12 (VFS = 4.096V)
LTC2640-8
LTC2640-10
LTC2640-12
LTC2640A-12
SYMBOL PARAMETER
CONDITIONS
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS
DC Performance
Resolution
l
8
10
12
12
Bits
Monotonicity
VCC = 5V, Internal Ref. (Note 4) l 8
10
12
12
Bits
DNL
Differential
Nonlinearity
VCC = 5V, Internal Ref. (Note 4) l
±0.5
±0.5
±1
±1
LSB
INL
Integral
Nonlinearity
VCC = 5V, Internal Ref. (Note 4) l
±0.05 ±0.5
±0.2
±1
±1
±2.5
±0.5
±1
LSB
ZSE
Zero-Scale Error VCC = 5V, Internal Ref.,
Code = 0
l
0.5
5
0.5
5
0.5
5
0.5
5
mV
VOS
Offset Error
VCC = 5V, Internal Ref. (Note 5) l
±0.5
±5
±0.5
±5
±0.5
±5
±0.5
±5
mV
VOSTC
VOS Temperature
Coefficient
VCC = 5V, Internal Ref. (Note 5)
±10
±10
±10
±10
µV/°C
FSE
Full-Scale Error
VCC = 5V, Internal Ref. (Note 11) l
±0.08 ±0.4
±0.08 ±0.4
±0.08 ±0.4
±0.08 ±0.4
%FSR
VFSTC
Full-Scale Voltage
Temperature
Coefficient
VCC = 5V, Internal Ref. (Note 10)
C-Grade
I-Grade
H-Grade
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
ppm/°C
ppm/°C
ppm/°C
Load Regulation VCC = 5V ±10%,
Internal Ref. Mid-Scale,
–10mA ≤ IOUT ≤ 10mA
l
0.006 0.01
0.022 0.04
0.09 0.16
0.09 0.16 LSB/mA
ROUT
DC Output
Impedance
VCC = 5V ±10%,
Internal Ref. Mid-Scale,
–10mA ≤ IOUT ≤ 10mA
l
0.09 0.156
0.09 0.156
0.09 0.156
0.09 0.156
Ω


Similar Part No. - LTC2640_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2640ACTS8-HM10 LINER-LTC2640ACTS8-HM10 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2640ACTS8-HM12 LINER-LTC2640ACTS8-HM12 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2640ACTS8-HM8 LINER-LTC2640ACTS8-HM8 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2640ACTS8-HZ10 LINER-LTC2640ACTS8-HZ10 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2640ACTS8-HZ12 LINER-LTC2640ACTS8-HZ12 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2640_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
   Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2644 LINER-LTC2644_15 Datasheet
412Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645_15 Datasheet
751Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com