Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1344A Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1344A
Description  Software-Selectable Cable Terminator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1344A Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1344A Datasheet HTML 4Page - Linear Technology LTC1344A Datasheet HTML 5Page - Linear Technology LTC1344A Datasheet HTML 6Page - Linear Technology LTC1344A Datasheet HTML 7Page - Linear Technology LTC1344A Datasheet HTML 8Page - Linear Technology LTC1344A Datasheet HTML 9Page - Linear Technology LTC1344A Datasheet HTML 10Page - Linear Technology LTC1344A Datasheet HTML 11Page - Linear Technology LTC1344A Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1344A
TYPICAL APPLICATIONS N
Cable Selectable Multiprotocol DTE/DCE Port with DB-25 Connector
D2
D1
LTC1544
D3
R2
R1
R4
R3
D2
LTC1543
DTE_TXD/DCE_RXD
DTE_TXC/DCE_TXC
DTE_RXC/DCE_SCTE
DTE_RXD/DCE_TXD
DTE_RTS/DCE_CTS
DTE_DTR/DCE_DSR
DTE_DCD/DCE_DCD
DTE_DSR/DCE_DTR
DTE_CTS/DCE_RTS
DTE_SCTE/DCE_RXC
M0
M1
M2
DCE/DTE
VCC
VDD
NC
NC
VCC
VEE
GND
2
VCC
14
24
11
15
12
17
9
3
1
25
21
18
4
19
20
8
23
10
6
22
5
13
7
16
1344A TA05
D3
R2
R1
R3
D1
C2
1
µF
C1
1
µF
C5
1
µF
C3
1
µF
C4
3.3
µF
TXD A
TXD B
SCTE A
SCTE B
RXD A
RXD B
RXC A
RXC B
RXC A
RXC B
RXD A
RXD B
RTS A
RTS B
DTR A
DTR B
CTS A
CTS B
DSR A
DSR B
CTS A
CTS B
SG
SHIELD
DCE/DTE
M1
M0
DB-25
CONNECTOR
TXC A
TXC B
SCTE A
SCTE B
TXD A
TXD B
TXC A
TXC B
DCD A
DCD B
DSR A
DSR B
RTS A
RTS B
DCD A
DCD B
DTR A
DTR B
D4
16
10
9
7
6
4
3
8
11
12
13
5
2
15 18 17 19 20 22
LTC1344A
C6
100pF
C7
100pF
C8
100pF
VCC
VCC
5V
23 24
14
1
CHARGE
PUMP
28
3
1
2
4
5
6
7
8
9
10
11
12
13
14
1
2
3
4
5
6
7
8
9
INVERT
15
16
10
17
18
19
20
21
22
23
24
25
NC
27
26
25
24
23
22
21
20
19
18
17
16
15
26
27
28
VEE
M0
M1
M2
DCE/DTE
11
12
13
14
DTE
DCE
MODE
PIN 18
PIN 21
V.35
PIN 7
PIN 7
RS449, V.36
NC
PIN 7
RS232
PIN 7
NC
CABLE WIRING FOR MODE SELECTION
MODE
PIN 25
DTE
PIN 7
DCE
NC
CABLE WIRING FOR
DTE/DCE SELECTION
LATCH
21
C12
1
µF
C11
1
µF
C10
1
µF
C9, 1
µF
C13
1
µF


Similar Part No. - LTC1344A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1344A LINER-LTC1344A Datasheet
152Kb / 12P
   Software-Selectable Cable Terminator
LTC1344A LINER-LTC1344A_15 Datasheet
152Kb / 12P
   Software-Selectable Cable Terminator
More results

Similar Description - LTC1344A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1344 LINER-LTC1344 Datasheet
252Kb / 12P
   Software-Selectable Cable Terminator
LTC1344 LINER-LTC1344_15 Datasheet
203Kb / 12P
   Software-Selectable Cable Terminator
LTC1344A LINER-LTC1344A_15 Datasheet
152Kb / 12P
   Software-Selectable Cable Terminator
logo
Maxim Integrated Produc...
MXL1344A MAXIM-MXL1344A Datasheet
220Kb / 12P
   5V Multiprotocol, Software-Selectable Cable Terminator
Rev 0; 2/01
MAX13174E MAXIM-MAX13174E Datasheet
597Kb / 13P
   5V Multiprotocol, Pin-Selectable Cable Terminator
Rev 0; 7/09
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com