Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143ZM Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DTA143ZM
Description  PNP Small Signal Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA143ZM Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DTA143ZM_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA143ZM_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTA143ZM_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTA143ZM_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTA143ZM_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DTA143 ZM/ZE/ZUA/ZCA/ZSA
Taiwan Semiconductor
Small Signal Product
- Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistor
(see equivalent circuit).
- The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
- Only the on/off conditions need to be set for
operation, marking device design easy.
- Packing code with suffix "G" means
green compound (halogen-free)
SYMBOL
UNIT
ZM
ZE
ZSA
PD
100
150
300
mW
VCC
V
VIN
V
IO
mA
TJ, TSTG
°C
Notes: Valid provided that electrodes are kept at ambient temperature
SYMBOL
MIN
TYP
MAX
UNIT
VI(off)
-0.5
VI(on)
-1.3
VO(on)
-0.3
V
II
-1.8
mA
IO(off)
-0.5
μA
GI
80
R1
3.29
4.7
6.11
kΩ
R2/R1
810
12
fT
250
MHz
Document Number: DS_S1412026
Version: C14
Junction and Storage Temperature Range
-55 to + 150
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
ZUA / ZCA
Input Voltage
-30 ~ +5
Output Current
PNP Small Signal Transistor
FEATURES
Equivalent Circuit
V
Input Voltage
Power Dissipation
200
Supply Voltage
-50
-100
PARAMETER
CONDITION
VO= -10V, IO= 5mA, f=100MHz
VO= -5V, IO= -10mA
VCC= -50V, VI=0
VI= -5V
IO / II= -5mA / -0.25mA
VO= -0.3V, IO= -5mA
VCC= -5V, IO= -100μA
Transition Frequency
Resistance Ratio
Input Resistance
DC Current Gain
Output Current
Input Current
Output Voltage


Similar Part No. - DTA143ZM_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA143ZM3 ONSEMI-DTA143ZM3 Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
September, 2012 ??Rev. 1
DTA143ZM3 ONSEMI-DTA143ZM3 Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 kA
October, 2013 ??Rev. 6
DTA143ZM3 ONSEMI-DTA143ZM3 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
124Kb / 12P
   Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
February, 2004 ??Rev. 0
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
September, 2012 ??Rev. 1
More results

Similar Description - DTA143ZM_14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
   Small Signal Transistor (PNP)
logo
Motorola, Inc
MMBA813S2 MOTOROLA-MMBA813S2 Datasheet
26Kb / 1P
   SMALL-SIGNAL PNP TRANSISTOR
logo
Vaishali Semiconductor
MMBT2907A VAISH-MMBT2907A Datasheet
47Kb / 3P
   Small Signal Transistor (PNP)
MMBT4403 VAISH-MMBT4403 Datasheet
46Kb / 3P
   Small Signal Transistor (PNP)
logo
Vishay Siliconix
2N4126 VISHAY-2N4126 Datasheet
159Kb / 4P
   Small Signal Transistor (PNP)
07-May-02
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
   PNP SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com