Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2355-12 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2355-12
Description  Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2355-12 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2355-12_15 Datasheet HTML 6Page - Linear Technology LTC2355-12_15 Datasheet HTML 7Page - Linear Technology LTC2355-12_15 Datasheet HTML 8Page - Linear Technology LTC2355-12_15 Datasheet HTML 9Page - Linear Technology LTC2355-12_15 Datasheet HTML 10Page - Linear Technology LTC2355-12_15 Datasheet HTML 11Page - Linear Technology LTC2355-12_15 Datasheet HTML 12Page - Linear Technology LTC2355-12_15 Datasheet HTML 13Page - Linear Technology LTC2355-12_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC2355-12/LTC2355-14
0
2355fa
DRIVING THE ANALOG INPUT
ThedifferentialanaloginputsoftheLTC2355-12/LTC2355-14
may be driven differentially or as a single-ended input (i.e.,
the AIN– input is grounded). Both differential analog in-
puts, AIN+ and AIN–, are sampled at the same instant. Any
unwanted signal that is common to both inputs of each
input pair will be reduced by the common mode rejection
of the sample-and-hold circuit. The inputs draw only one
small current spike while charging the sample-and-hold
capacitors at the end of conversion. During conversion,
the analog inputs draw only a small leakage current. If the
source impedance of the driving circuit is low, then the
LTC2355-12/LTC2355-14 inputs can be driven directly. As
source impedance increases, so will acquisition time. For
minimum acquisition time with high source impedance,
a buffer amplifier must be used. The main requirement is
that the amplifier driving the analog input(s) must settle
after the small current spike before the next conversion
starts (settling time must be 39ns for full throughput rate).
Also keep in mind while choosing an input amplifier the
amount of noise and harmonic distortion added by the
amplifier.
CHOOSING AN INPUT AMPLIFIER
Choosing an input amplifier is easy if a few requirements
are taken into consideration. First, to limit the magnitude of
the voltage spike seen by the amplifier from charging the
samplingcapacitor,chooseanamplifierthathasalowoutput
impedance(<100Ω)attheclosed-loopbandwidthfrequency.
For example, if an amplifier is used in a gain of 1 and has a
unity-gainbandwidthof50MHz,thentheoutputimpedanceat
50MHz must be less than 100Ω. The second requirement is
thattheclosed-loopbandwidthmustbegreaterthan40MHz
to ensure adequate small-signal settling for full throughput
rate. If slower op amps are used, more time for settling can
be provided by increasing the time between conversions.
The best choice for an op amp to drive the LTC2355-12/
LTC2355-14 will depend on the application. Generally, ap-
plications fall into two categories: AC applications where
dynamic specifications are most critical and time domain
applications where DC accuracy and settling time are most
critical. The following list is a summary of the op amps that
are suitable for driving the LTC2355-12/LTC2355-14. (More
applications inFormation
detailed information is available in the Linear Technology
Databooks and on the LinearView™ CD-ROM.)
LTC1566-1: Low Noise 2.3MHz Continuous Time Low-
Pass Filter.
LT®1630: Dual 30MHz Rail-to-Rail Voltage FB Amplifier.
2.7V to ±15V supplies. Very high AVOL, 500µV offset and
520ns settling to 0.5LSB for a 4V swing. THD and noise
are –93dB to 40kHz and below 1LSB to 320kHz (AV = 1,
2VP-P into 1kΩ, VS = 5V), making the part excellent for AC
applications(to1/3Nyquist)whererail-to-railperformance
is desired. Quad version is available as LT1631.
LT1632: Dual 45MHz Rail-to-Rail Voltage FB Amplifier.
2.7V to ±15V supplies. Very high AVOL, 1.5mV offset and
400ns settling to 0.5LSB for a 4V swing. It is suitable for
applications with a single 5V supply. THD and noise are
–93dB to 40kHz and below 1LSB to 800kHz (AV = 1,
2VP-P into 1kΩ, VS = 5V), making the part excellent for
ACapplicationswhererail-to-railperformanceisdesired.
Quad version is available as LT1633.
LT1813: Dual 100MHz 750V/µs 3mA Voltage Feedback
Amplifier.5Vto±5Vsupplies.Distortionis–86dBto100kHz
and –77dB to 1MHz with ±5V supplies (2VP-P into 500Ω).
Excellent part for fast AC applications with ±5V supplies.
LT1801: 80MHz GBWP, –75dBc at 500kHz, 2mA/Amplifier,
8.5nV/√Hz.
LT1806/LT1807:325MHzGBWP,–80dBcDistortionat5MHz,Uni-
ty-Gain Stable, R-R In and Out, 10mA/Amplifier, 3.5nV/√Hz.
LT1810: 180MHz GBWP, –90dBc Distortion at 5MHz,
Unity-Gain Stable, R-R In and Out, 15mA/Amplifier, 16nV/√Hz.
LT1818/LT1819: 400MHz, 2500V/µs,9mA, Single/Dual
Voltage Mode Operational Amplifier.
LT6200: 165MHz GBWP, –85dBc Distortion at 1MHz,
Unity-Gain Stable, R-R In and Out, 15mA/Amplifier,
0.95nV/√Hz.
LT6203: 100MHz GBWP, –80dBc Distortion at 1MHz,
Unity-Gain Stable, R-R In and Out, 3mA/Amplifier,
1.9nV/√Hz.
LT6600-10: Amplifier/Filter Differential In/Out with 10MHz
Cutoff.
LinearView is a trademark of Linear Technology Corporation.


Similar Part No. - LTC2355-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC2355-12_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12 Datasheet
266Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14 Datasheet
464Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_09 Datasheet
294Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-14 LINER-LTC2355-14_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com