Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2295 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2295
Description  Dual 14-Bit, 10Msps Low Power 3V ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2295 Datasheet(HTML) 2 Page - Linear Technology

  LTC2295_15 Datasheet HTML 1Page - Linear Technology LTC2295_15 Datasheet HTML 2Page - Linear Technology LTC2295_15 Datasheet HTML 3Page - Linear Technology LTC2295_15 Datasheet HTML 4Page - Linear Technology LTC2295_15 Datasheet HTML 5Page - Linear Technology LTC2295_15 Datasheet HTML 6Page - Linear Technology LTC2295_15 Datasheet HTML 7Page - Linear Technology LTC2295_15 Datasheet HTML 8Page - Linear Technology LTC2295_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2295
2295fa
2
TOP VIEW
65
UP PACKAGE
64-LEAD (9mm
× 9mm) PLASTIC QFN
TJMAX = 125°C, θJA = 20°C/W
EXPOSED PAD (PIN 65) IS GND AND MUST BE SOLDERED TO PCB
AINA
+ 1
AINA
2
REFHA 3
REFHA 4
REFLA 5
REFLA 6
VDD 7
CLKA 8
CLKB 9
VDD 10
REFLB 11
REFLB 12
REFHB 13
REFHB 14
AINB
15
AINB
+ 16
48 DA7
47 DA6
46 DA5
45 DA4
44 DA3
43 DA2
42 DA1
41 DA0
40 OFB
39 DB13
38 DB12
37 DB11
36 DB10
35 DB9
34 DB8
33 DB7
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
14
Bits
Integral Linearity Error
Differential Analog Input (Note 5)
–5
±1.2
5
LSB
Differential Linearity Error
Differential Analog Input
–1
±0.5
1
LSB
Offset Error
(Note 6)
–12
±212
mV
Gain Error
External Reference
–2.5
±0.5
2.5
%FS
Offset Drift
±10
µV/°C
Full-Scale Drift
Internal Reference
±30
ppm/
°C
External Reference
±5
ppm/
°C
Gain Matching
External Reference
±0.3
%FS
Offset Matching
±2mV
Transition Noise
SENSE = 1V
1
LSBRMS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
OVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 4V
Digital Output Ground Voltage (OGND) ....... –0.3V to 1V
Analog Input Voltage (Note 3) ..... –0.3V to (VDD + 0.3V)
Digital Input Voltage .................... –0.3V to (VDD + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Power Dissipation ............................................ 1500mW
Operating Temperature Range
LTC2295C ............................................... 0
°C to 70°C
LTC2295I .............................................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 125°C
ORDER PART
NUMBER
QFN PART*
MARKING
LTC2295UP
LTC2295CUP
LTC2295IUP
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
CO VERTER CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/


Similar Part No. - LTC2295_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2295CUP LINER-LTC2295CUP Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295IUP LINER-LTC2295IUP Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295UP LINER-LTC2295UP Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
More results

Similar Description - LTC2295_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
   Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245 Datasheet
516Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2245 LINER-LTC2245_15 Datasheet
521Kb / 20P
   14-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290_15 Datasheet
762Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2290 LINER-LTC2290 Datasheet
757Kb / 24P
   Dual 12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
   12-Bit, 10Msps Low Power 3V ADC
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
   Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2299 LINER-LTC2299 Datasheet
713Kb / 24P
   Dual 14-Bit, 80Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com