Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA123YM Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # DTA123YM
Description  PNP Small Signal Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTA123YM Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  DTA123YM_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTA123YM_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTA123YM_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTA123YM_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTA123YM_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DTA123 YM/YE/YUA/YCA/YSA
Taiwan Semiconductor
Small Signal Product
PACKAGE OUTLINE DIMENSION
Min
Max
Min
Max
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
A
1.80
2.20
0.071
0.087
B
1.10
1.50
0.043
0.059
B
1.15
1.35
0.045
0.053
C
0.30
0.51
0.012
0.020
C
0.15
0.40
0.006
0.016
D
1.78
2.04
0.070
0.080
D
1.20
1.40
0.047
0.055
E
2.10
2.64
0.083
0.104
E
2.00
2.45
0.079
0.096
F
0.89
1.30
0.035
0.051
F
0.80
1.10
0.031
0.043
G
H
Min
Max
Min
Max
Min
Max
Min
Max
A
1.50
1.70
0.059
0.067
A
1.15
1.25
0.045
0.049
B
0.70
0.90
0.028
0.035
B
0.75
0.85
0.030
0.033
C
0.15
0.35
0.006
0.014
C
0.15
0.27
0.006
0.011
D
0.90
1.10
0.035
0.043
D
E
1.45
1.75
0.057
0.069
E
1.15
1.25
0.045
0.049
F
0.62
0.95
0.024
0.037
F
0.43
0.55
0.017
0.022
G
0.15
0.25
0.006
0.010
H
0.25
0.37
0.010
0.015
Document Number: DS_S1412027
Version: C14
0.80 TYP.
0.031 TYP.
DIM.
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)
0.55 REF
0.022 REF
0.10 REF
0.004 REF
SOT-523
SOT-723
SOT-23
SOT-323
DIM.
Unit (mm)
Unit (inch)
DIM.
Unit (mm)
Unit (inch)
B
A
C
D
G
F
E
H


Similar Part No. - DTA123YM_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTA123YM TSC-DTA123YM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
DTA123YM ROHM-DTA123YM Datasheet
1Mb / 13P
   PNP -100mA -50V Digital Transistor (Bias Resistor Built-in Transistor)
20170609 - Rev.001
More results

Similar Description - DTA123YM_14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
   Small Signal Transistor (PNP)
logo
Motorola, Inc
MMBA813S2 MOTOROLA-MMBA813S2 Datasheet
26Kb / 1P
   SMALL-SIGNAL PNP TRANSISTOR
logo
Vaishali Semiconductor
MMBT2907A VAISH-MMBT2907A Datasheet
47Kb / 3P
   Small Signal Transistor (PNP)
MMBT4403 VAISH-MMBT4403 Datasheet
46Kb / 3P
   Small Signal Transistor (PNP)
logo
Vishay Siliconix
2N4126 VISHAY-2N4126 Datasheet
159Kb / 4P
   Small Signal Transistor (PNP)
07-May-02
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
   PNP SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com