Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1334IG Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1334IG
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1334IG Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1334IG Datasheet HTML 5Page - Linear Technology LTC1334IG Datasheet HTML 6Page - Linear Technology LTC1334IG Datasheet HTML 7Page - Linear Technology LTC1334IG Datasheet HTML 8Page - Linear Technology LTC1334IG Datasheet HTML 9Page - Linear Technology LTC1334IG Datasheet HTML 10Page - Linear Technology LTC1334IG Datasheet HTML 11Page - Linear Technology LTC1334IG Datasheet HTML 12Page - Linear Technology LTC1334IG Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1334
TEST CIRCUITS
Figure 2. RS485 Driver/Receiver
Timing Test Circuit
Figure 1. RS422/RS485
Driver Test Load
R
R
VOD
Y
Z
LTC1334 • F01
VOC
RL
CL
LTC1334 • F02
Y
3V
3V
SEL
DE
Z
CL
A
SEL
3V
R
B
15pF
D
DR OUT
CL
500
S2
LTC1334 • F03
VCC
S1
Figure 4. RS232 Driver
Swing/Timing Test Circuit
RL
LTC1334 • F04
Y, Z
0V
SEL
D
CL
Figure 5. RS232 Receiver
Timing Test Circuit
SWITCHI G WAVEFOR S
Figure 3. RS485 Driver Output
Enable/Disable Timing Test Load
1.5V
3V
0V
D
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
Z – Y
–VO
VO
tSKEW
1/2 VO
LTC1334 • F06
tPLH
tr
90%
50%
10%
tPHL
tf
90%
50%
10%
VO
tSKEW
VDIFF = V(Z) – V(Y)
Z
Y
Figure 6. RS485 Driver Propagation Delays
LTC1334 • F05
15pF
Y, Z
0V
SEL
D
R
0V
SEL
A, B
VIN
VOUT


Similar Part No. - LTC1334IG

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
More results

Similar Description - LTC1334IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
logo
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
logo
Linear Technology
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
   Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com