Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZY55C27 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZY55C27
Description  5% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZY55C27 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZY55C27 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZY55C27 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZY55C27 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZY55C27 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZY55C27 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Small Signal Product
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1408017
Version: C14
BZY55C2V4 thru BZY55C36
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0
20
40
60
80
100
04
8
12
16
20
Zener Voltage (V)
Fig. 2 Zener Breakdown Characteristics
TA=25oC
0
10
20
30
40
50
15
20
25
30
35
Zener Voltage (V)
Fig. 3 Zener Breakdown
0
40
80
120
160
200
0
5
10
15
20
25
Zener Voltage (V)
Fig. 5 Typical Capacitance
0
100
200
300
400
500
600
0
30
60
90
120
150
180
Ambient Temperature (oC)
Fig. 4 Admissible Power Dissipation Curve
0.001
0.01
0.1
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
TA=25oC


Similar Part No. - BZY55C27

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZY55C27 TSC-BZY55C27 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
More results

Similar Description - BZY55C27

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com