Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZY55C24 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZY55C24
Description  5% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZY55C24 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZY55C24 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZY55C24 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZY55C24 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZY55C24 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZY55C24 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Wide zener voltage range selection: 2.4V to 36V
- Surface device type mounting
- Moisture sensitivity level 1
- Matte Tin(Sn) lead finish with Nickel(Ni) underplate
- Pb free and RoHS compliant
- Halogen free
MECHANICAL DATA
- Case: 0805
- High temperature soldering guaranteed: 260
oC/10s
- Polarity: Indicated by cathode band
- Weight : 0.006 grams (approximately)
SYMBO
UNIT
PD
mW
VF
V
RθJA
oC/W
TJ, TSTG
oC
Zener I vs. V Characteristics
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
Document Number: DS_S1408017
Version: C14
Note 1: Valid provided that electrodes are kept at ambient temperature
Forward Voltage
IF = 10 mA
1.5
Thermal Resistance (Junction to Ambient)
(Note 1)
300
Junction and Storage Temperature Range
- 55 to +150
0805
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
Power Dissipation
500
BZY55C2V4 thru BZY55C36
Taiwan Semiconductor
Small Signal Product
5% Tolerance SMD Zener Diode
FEATURES


Similar Part No. - BZY55C24

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZY55C24 TSC-BZY55C24 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
More results

Similar Description - BZY55C24

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com