Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1322I Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1322I
Description  RS232/EIA562/RS485 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1322I Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1322I Datasheet HTML 3Page - Linear Technology LTC1322I Datasheet HTML 4Page - Linear Technology LTC1322I Datasheet HTML 5Page - Linear Technology LTC1322I Datasheet HTML 6Page - Linear Technology LTC1322I Datasheet HTML 7Page - Linear Technology LTC1322I Datasheet HTML 8Page - Linear Technology LTC1322I Datasheet HTML 9Page - Linear Technology LTC1322I Datasheet HTML 10Page - Linear Technology LTC1322I Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1321/LTC1322/LTC1335
VDD(Pin 1): Positive Supply Input for EIA/TIA-562 Drivers.
B1: (Pin 2): Receiver Input.
A1 (Pin 3): Receiver Input.
Z1 (Pin 4): Driver Output.
Y1 (Pin 5): Driver Output.
SEL1 (Pin 6): Interface Mode Select Input.
SEL2 (Pin 7): Interface Mode Select Input.
Y2 (Pin 8): Driver Output.
Z2 (Pin 9): Driver Output.
A2 (Pin 10): Receiver Input.
B2 (Pin 11): Receiver Input.
GND (Pin 12): Ground.
VEE (Pin 13): Negative Supply.
NC (Pin 14): No Connection.
RA2 (Pin 15): Receiver Output.
DE2 (Pin 16): Driver Enable with Internal Pull-Up in RS485
Mode.
DY2 (Pin 17): Driver Input.
ON/OFF (Pin 18): A HIGH logic input enables the trans-
ceivers. A LOW puts the device into shutdown mode and
reduces ICC to 15µA. This pin has an internal pull-up.
LB (Pin 19): Loopback Control Input. A LOW logic level
enables loopback connections. This pin has an internal
pull-up.
DY1 (Pin 20): Driver Input.
DE1 (Pin 21): Driver Enable with Internal Pull-Up in RS485
Mode.
RA1 (Pin 22): Receiver Output.
NC (Pin 23): No Connection.
VCC (Pin 24): Positive Supply; 4.75V ≤ VCC ≤ 5.25V.
OE/VDD (Pin 1): For LTC1335, pin 1 is the receiver
output enable with internal pull-down. For LTC1322, pin
1 is the positive supply input for EIA/TIA-562 drivers.
B1: (Pin 2): Receiver Input.
A1 (Pin 3): Receiver Input.
Z1 (Pin 4): Driver Output.
Y1 (Pin 5): Driver Output.
SEL1 (Pin 6): Interface Mode Select Input.
SEL2 (Pin 7): Interface Mode Select Input.
Y2 (Pin 8): Driver Output.
Z2 (Pin 9): Driver Output.
A2 (Pin 10): Receiver Input.
B2 (Pin 11): Receiver Input.
GND (Pin 12): Ground.
VEE (Pin 13): Negative Supply.
RB2 (Pin 14): Receiver Output.
RA2 (Pin 15): Receiver Output.
DZ2/DE2 (Pin 16): EIA/TIA-562 Driver Input in EIA562
Mode. RS485 Driver Enable with Internal Pull-Up in
RS485 Mode.
DY2 (Pin 17): Driver Input.
ON/OFF (Pin 18): A HIGH logic input enables the
transceivers. A LOW puts the device into shutdown
mode and reduces ICC to 15µA. This pin has an internal
pull-up.
LB (Pin 19): Loopback Control Input. A LOW logic level
enables loopback connections. This pin has an internal
pull-up.
DY1 (Pin 20): Driver Input.
DZ1/DE1 (Pin 21): EIA/TIA-562 Driver Input in EIA562
Mode. RS485 Driver Enable with Internal Pull-up in
RS485 Mode.
RA1 (Pin 22): Receiver Output.
RB1 (Pin 23): Receiver Output.
VCC (Pin 24): Positive Supply; 4.75V ≤ VCC ≤ 5.25V.
PI FU CTIO S
LTC1321
LTC1322/LTC1335


Similar Part No. - LTC1322I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1322IN LINER-LTC1322IN Datasheet
337Kb / 20P
   Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
LTC1322IN LINER-LTC1322IN Datasheet
337Kb / 20P
   Transceivers
LTC1322IS LINER-LTC1322IS Datasheet
337Kb / 20P
   Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
LTC1322IS LINER-LTC1322IS Datasheet
337Kb / 20P
   Transceivers
More results

Similar Description - LTC1322I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
List of Unclassifed Man...
USR-TCP232-410S ETC2-USR-TCP232-410S Datasheet
893Kb / 17P
   RS232 & RS485 TO ETHERNET
V1. 1 1 02
logo
Linear Technology
LTC2859 LINER-LTC2859_12 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
logo
Beckhoff Automation Gmb...
CX8180 BECKHOFF-CX8180 Datasheet
134Kb / 3P
   Embedded PC with RS232/RS485
CX7080 BECKHOFF-CX7080 Datasheet
138Kb / 4P
   Embedded PC for RS232/RS485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com