Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZY55C11 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZY55C11
Description  5% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZY55C11 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZY55C11 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZY55C11 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZY55C11 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZY55C11 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZY55C11 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Small Signal Product
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
Nom
Min
Max
BZY55C2V4
2V4
2.4
2.28
2.52
5
85
1
600
50
1.0
BZY55C2V7
2V7
2.7
2.57
2.84
5
85
1
600
10
1.0
BZY55C3V0
3
3.0
2.85
3.15
5
85
1
600
4
1.0
BZY55C3V3
3V3
3.3
3.14
3.47
5
85
1
600
2
1.0
BZY55C3V6
3V6
3.6
3.42
3.78
5
85
1
600
2
1.0
BZY55C3V9
3V9
3.9
3.71
4.10
5
85
1
600
2
1.0
BZY55C4V3
4V3
4.3
4.09
4.52
5
80
1
600
1
1.0
BZY55C4V7
4V7
4.7
4.47
4.94
5
70
1
600
0.5
1.0
BZY55C5V1
5V1
5.1
4.85
5.36
5
50
1
550
0.1
1.0
BZY55C5V6
5V6
5.6
5.32
5.88
5
30
1
450
0.1
1.0
BZY55C6V2
6V2
6.2
5.89
6.51
5
10
1
200
0.1
2.0
BZY55C6V8
6V8
6.8
6.46
7.14
5
8
1
150
0.1
3.0
BZY55C7V5
7V5
7.5
7.13
7.88
5
7
1
50
0.1
5.0
BZY55C8V2
8V2
8.2
7.79
8.61
5
7
1
50
0.1
6.2
BZY55C9V1
9V1
9.1
8.65
9.56
5
10
1
50
0.1
6.8
BZY55C10
10
10
9.50
10.50
5
15
1
70
0.1
7.5
BZY55C11
11
11
10.45
11.55
5
20
1
70
0.1
8.2
BZY55C12
12
12
11.40
12.60
5
20
1
90
0.1
9.1
BZY55C13
13
13
12.35
13.65
5
26
1
110
0.1
10
BZY55C15
15
15
14.25
15.75
5
30
1
110
0.1
11
BZY55C16
16
16
15.20
16.80
5
40
1
170
0.1
12
BZY55C18
18
18
17.10
18.90
5
50
1
170
0.1
13
BZY55C20
20
20
19.00
21.00
5
55
1
220
0.1
15
BZY55C22
22
22
20.90
23.10
5
55
1
220
0.1
16
BZY55C24
24
24
22.80
25.20
5
80
1
220
0.1
18
BZY55C27
27
27
25.65
28.35
5
80
1
220
0.1
20
BZY55C30
30
30
28.50
31.50
5
80
1
220
0.1
22
BZY55C33
33
33
31.35
34.65
5
80
1
220
0.1
24
BZY55C36
36
36
34.20
37.80
5
80
1
220
0.1
27
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have optional standard tolerance on the nomial zener voltage of ±2%.
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having
an RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1408017
Version: C14
BZY55C2V4 thru BZY55C36
Taiwan Semiconductor
Part Number
Device
Marking
VZ @ IZT (Volt)
IZT
(mA)
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR @ VR(μA)
Max


Similar Part No. - BZY55C11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZY55C11 TSC-BZY55C11 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
More results

Similar Description - BZY55C11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com