Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZY55B12 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZY55B12
Description  2% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZY55B12 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZY55B12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZY55B12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZY55B12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZY55B12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZY55B12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
Nom
Min
Max
BZY55B2V4
2V4
2.4
2.35
2.45
5
85
1
600
50
1.0
BZY55B2V7
2V7
2.7
2.65
2.75
5
85
1
600
10
1.0
BZY55B3V0
3
3.0
2.94
3.06
5
85
1
600
4
1.0
BZY55B3V3
3V3
3.3
3.23
3.37
5
85
1
600
2
1.0
BZY55B3V6
3V6
3.6
3.53
3.67
5
85
1
600
2
1.0
BZY55B3V9
3V9
3.9
3.82
3.98
5
85
1
600
2
1.0
BZY55B4V3
4V3
4.3
4.21
4.39
5
80
1
600
1
1.0
BZY55B4V7
4V7
4.7
4.61
4.79
5
70
1
600
0.5
1.0
BZY55B5V1
5V1
5.1
5.00
5.20
5
50
1
550
0.1
1.0
BZY55B5V6
5V6
5.6
5.49
5.71
5
30
1
450
0.1
1.0
BZY55B6V2
6V2
6.2
6.08
6.32
5
10
1
200
0.1
2.0
BZY55B6V8
6V8
6.8
6.66
6.94
5
8
1
150
0.1
3.0
BZY55B7V5
7V5
7.5
7.35
7.65
5
7
1
50
0.1
5.0
BZY55B8V2
8V2
8.2
8.04
8.36
5
7
1
50
0.1
6.2
BZY55B9V1
9V1
9.1
8.92
9.28
5
10
1
50
0.1
6.8
BZY55B10
10
10
9.80
10.20
5
15
1
70
0.1
7.5
BZY55B11
11
11
10.78
11.22
5
20
1
70
0.1
8.2
BZY55B12
12
12
11.76
12.24
5
20
1
90
0.1
9.1
BZY55B13
13
13
12.74
13.26
5
26
1
110
0.1
10.0
BZY55B15
15
15
14.70
15.30
5
30
1
110
0.1
11.0
BZY55B16
16
16
15.68
16.32
5
40
1
170
0.1
12.0
BZY55B18
18
18
17.64
18.36
5
50
1
170
0.1
13.0
BZY55B20
20
20
19.60
20.40
5
55
1
220
0.1
15.0
BZY55B22
22
22
21.56
22.44
5
55
1
220
0.1
16.0
BZY55B24
24
24
23.52
24.48
5
80
1
220
0.1
18.0
BZY55B27
27
27
26.46
27.54
5
80
1
220
0.1
20.0
BZY55B30
30
30
29.40
30.60
5
80
1
220
0.1
22.0
BZY55B33
33
33
32.34
33.66
5
80
1
220
0.1
24.0
BZY55B36
36
36
35.28
36.72
5
80
1
220
0.1
27.0
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have optional standard tolerance on the nomial zener voltage of ±5%.
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having
an RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1408016
Version: B14
Small Signal Product
Part Number
Device
Marking
VZ @ IZT (Volt)
BZY55B2V4 thru BZY55B36
Taiwan Semiconductor
IZT
(mA)
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR @ VR(μA)
Max


Similar Part No. - BZY55B12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZY55B12 TSC-BZY55B12 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
More results

Similar Description - BZY55B12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com