Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1325CN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1325CN
Description  Microprocessor-Controlled Battery Management System
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1325CN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1325CN Datasheet HTML 2Page - Linear Technology LTC1325CN Datasheet HTML 3Page - Linear Technology LTC1325CN Datasheet HTML 4Page - Linear Technology LTC1325CN Datasheet HTML 5Page - Linear Technology LTC1325CN Datasheet HTML 6Page - Linear Technology LTC1325CN Datasheet HTML 7Page - Linear Technology LTC1325CN Datasheet HTML 8Page - Linear Technology LTC1325CN Datasheet HTML 9Page - Linear Technology LTC1325CN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1325
REG (Pin 1): Internal Regulator Output. The regulator
provides a steady 3.072V to the internal analog circuitry
and provides a temperature stable reference voltage for
generating MCV, HTF, LTF and thermistor bias voltages
with external resistors. Requires a 4.7
µF or greater bypass
capacitor to ground.
DOUT (Pin 2): TTL Data Output Signal for the Serial
Interface. DOUT and DIN may be tied together to form a
3-wire interface, or remain separated to form a 4-wire
interface. Data is transmitted on the falling edge of CLK
(Pin 5).
DIN (Pin 3): TTL Data Input Signal for the Serial Interface.
The data is latched into the chip on the rising edge of the
CLK (Pin 5).
CS (Pin 4): TTL Chip Select Signal for the Serial Interface.
CLK (Pin 5): TTL Clock for the Serial Interface.
LTF (Pin 6): Minimum Allowable Battery Temperature
Analog Input. LTF may be generated by a resistive divider
between REG (Pin 1) and ground.
MCV (Pin 7): Maximum Allowable Cell Voltage Analog
Input. MCV may be generated by a resistive divider be-
tween REG (Pin 1) and ground.
HTF (Pin 8): Maximum Allowable Battery Temperature
Analog Input. HTF may be generated by a resistive divider
between REG (Pin 1) and ground.
GND (Pin 9): Ground.
FILTER (Pin 10): The external filter capacitor CF is con-
nected to this pin. The filter capacitor is connected to the
output of the internal resistive divider across the battery to
reduce the switching noise while charging. In the gas
gauge mode, CF along with an internal RF = 1k form a
lowpass filter to average the voltage across the sense
resistor.
PIN FUNCTIONS
SENSE (Pin 11): The Sense pin controls the switching of
the 111kHz PWM constant current source in the charging
mode. The Sense pin is connected to an external sense
resistor RSENSE and the negative side of the battery. The
charging loop forces the average voltage at the Sense pin
to equal a programmable internal reference voltage VDAC.
The battery charging current is equal to VDAC/RSENSE.
In the gas gauge mode the voltage across the Sense pin
is filtered by an RC network (RF and CF), amplified by
an inverting gain of four, then multiplexed to the ADC so
the average discharge current through the battery may
be measured and the total charge leaving the battery
calculated.
VIN (Pin 12): General Purpose ADC Input.
TAMB (Pin 13): Ambient Temperature Input. Connect to an
external thermistor network. Tie to REG if not used. May
be used as another general purpose ADC input.
TBAT (Pin 14): Battery Temperature Input. Connect to an
external NTC thermistor network. Tie to REG if not used.
VBAT (Pin 15): Battery Input. An internal voltage divider is
connected between the VBAT and Sense pins to normalize
all battery measurements to one cell voltage. The divider
is programmable to the following ratios: 1/1, 1/2, 1/3 . . .
1/15, 1/16. In shutdown and gas gauge modes the divider
is disconnected.
DIS (Pin 16): Active High Discharge Control Pin. Used
to turn on an external transistor which discharges the
battery.
PGATE (Pin 17): FET Driver Output. Swings from GND
to VDD.
VDD (Pin 18): Positive Supply Voltage. 4.5V < VDD < 16V.


Similar Part No. - LTC1325CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1325 LINER-LTC1325_15 Datasheet
340Kb / 24P
   Microprocessor-Controlled Battery Management System
More results

Similar Description - LTC1325CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1325 LINER-LTC1325_15 Datasheet
340Kb / 24P
   Microprocessor-Controlled Battery Management System
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
   Battery management system solution
October 2022 Rev 1
L9961 STMICROELECTRONICS-L9961_V01 Datasheet
1Mb / 65P
   Battery management system solution
Rev 3 - January 2023
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
   Battery Management Power System
Rev: B
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
   Battery Charge Management System
logo
Sumida Corporation
CEP99 SUMIDA-CEP99 Datasheet
181Kb / 1P
   Battery management system of automobiles
logo
Monolithic Power System...
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
   4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
   Battery Management
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
Toshiba Semiconductor
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com